Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP65SL380AH Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP65SL380AH
Description  Fast Switching Characteristic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP65SL380AH Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP65SL380AH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP65SL380AH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP65SL380AH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP65SL380AH Datasheet HTML 4Page - Advanced Power Electronics Corp. AP65SL380AH Datasheet HTML 5Page - Advanced Power Electronics Corp. AP65SL380AH Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP65SL380AH
Fig 13. Normalized BVDSS v.s. Junction
Fig 14. Total Power Dissipation
Temperature
Fig 15. Typ. Drain-Source on State
Resistance
5
0
20
40
60
80
100
0
50
100
150
T C , Case Temperature(
o C)
0
0.4
0.8
1.2
1.6
2
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =1mA
200
300
400
500
600
2468
10
I D , Drain Current (A)
T j =25
o C
V GS =10V
.


Similar Part No. - AP65SL380AH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP65SL380AI A-POWER-AP65SL380AI Datasheet
112Kb / 6P
   Fast Switching Characteristic
AP65SL380AIN A-POWER-AP65SL380AIN Datasheet
112Kb / 6P
   Fast Switching Characteristic
More results

Similar Description - AP65SL380AH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com