Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS434A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS434A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS434A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS434A Datasheet HTML 1Page - Vectron International, Inc TFS434A Datasheet HTML 2Page - Vectron International, Inc TFS434A Datasheet HTML 3Page - Vectron International, Inc TFS434A Datasheet HTML 4Page - Vectron International, Inc TFS434A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 434a.doc
Version 1.2
25.08.2006
VI TELEFILTER
Filter specification
TFS 434A
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
430 Ω || -4,7 pF
Output:
430 Ω || -4,6 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 434A is the minimum of the pass band attenuation. This value is defined as the insertion
loss ae. The nominal frequency fN is fixed at 434,0 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole
operating temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae = amin
8,0
dB
max.
10,0
dB
(reference level)
Nominal frequency
fN
-
434,0
MHz
Passband
PB
-
f
N ± 2,5
MHz
Pass band ripple
p-p
0,2
dB
max.
0,5
dB
Relative attenuation
arel
f
N
… f
N
±
2,5
MHz
0,25
dB
max.
0,5
dB
f
N
-
433,7
MHz … f
N
-
34
MHz
45
dB
min.
40
dB
f
N
-
34
MHz … f
N
-
10
MHz
40
dB
min.
20
dB
f
N
+
21
MHz … f
N
+
31
MHz
40
dB
min.
30
dB
f
N
+
31
MHz … f
N
+
366
MHz
46
dB
min.
40
dB
Group delay ripple within PB
18
ns
max.
30
ns
Return loss
15
dB
min.
10
dB
Operating temperature range
OTR
-
- 40 °C ... + 85°C
Storage temperature range
-
- 45 °C ... + 85°C
Temperature coefficient of frequency
TCf **
18
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆f(Hz) = TCf(ppm/K) x (T-T0) x fcat(MHz).
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS434A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS434 VECTRON-TFS434 Datasheet
114Kb / 5P
   Filter Specification
TFS434B VECTRON-TFS434B Datasheet
234Kb / 5P
   Filter specification
TFS434D VECTRON-TFS434D Datasheet
164Kb / 5P
   Filter specification
TFS434E VECTRON-TFS434E Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS434F VECTRON-TFS434F Datasheet
102Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS434A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com