Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS940A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS940A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS940A Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS940A Datasheet HTML 1Page - Vectron International, Inc TFS940A Datasheet HTML 2Page - Vectron International, Inc TFS940A Datasheet HTML 3Page - Vectron International, Inc TFS940A Datasheet HTML 4Page - Vectron International, Inc TFS940A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 940a.doc
Version 1.2
26.07.2006
VI TELEFILTER
Filter specification
TFS 940A
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Filter characteristic
0
500
1000
1500
2000
2500
3000
3500
4000
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
frequency in MHz
910
920
930
940
950
960
970
-6
-5.4
-4.8
-4.2
-3.6
-3
-2.4
-1.8
-1.2
-0.6
0
frequency in MHz
910
920
930
940
950
960
970
1
1.5
2
2.5
3
3.5
4
4.5
5
frequency in MHz
Construction and pin connection
(All dimensions in mm)
Date code:
Year + week
U
2006
V
2007
W
2008
...
1
Ground
2
Input
3
Ground
4
Ground
5
Output
6
Ground
1
2
3
4
5
6
0,6
0,6
13
6
4
Date code
940A
● U30
50 Ohm Test circuit
L1
SAW
L2
1, 3, 4, 6
5
2
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS940A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS940B VECTRON-TFS940B Datasheet
77Kb / 5P
   Vectron International Filter specification
TFS940C VECTRON-TFS940C Datasheet
149Kb / 5P
   Vectron International Filter specification
TFS940D VECTRON-TFS940D Datasheet
147Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS940A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com