Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-T1215DA-00Y0E Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # AIMB-T1215DA-00Y0E
Description  Thin barebone system with embedded low profile Mini-ITX motherboard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-T1215DA-00Y0E Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  AIMB-T1215DA-00Y0E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-T1215DA-00Y0E Datasheet HTML 2Page - Advantech Co., Ltd. AIMB-T1215DA-00Y0E Datasheet HTML 3Page - Advantech Co., Ltd. AIMB-T1215DA-00Y0E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.advantech.com/products
Online Download
Ordering Information
Model Name
Parts Number
Descripition
Supported MB
Front Panel
Rear Panel
Regulations
USB
2.0/3.0
COM
Audio
Jack
DP/DP++
DP/HDMI
DVI
VGA
LAN
COM
USB
2.0/3.0
Audio
EPC-T1215
AIMB-T1215DA-00Y0E
AIMB-T1215 barebone
with 60W power
adaptor
AIMB-215D-S6B1E
(4/0)
(5)
(2)
(1)
(0)
(0)
(1)
(2)
(1)
(3/1)
(1)
CE, FCC
AIMB-T1215DW-00Y0E
AIMB-T1215 fanless
barebone with 60W
power adaptor
AIMB-215D-S6B1E
(4/0)
(5)
(2)
(1)
(0)
(0)
(1)
(2)
(1)
(3/1)
(1)
CE, FCC
EPC-T1225
AIMB-T12250A-00Y0E
AIMB-T1225 barebone
with 60W power
adaptor
AIMB-225G2-00A1E
(4/0)
(5)
(2)
(1)
(0)
(1)
(0)
(2)
(0)
(2/2)
(1)
CE, FCC
AIMB-T12251W-00Y0E
AIMB-T1225 fanless
barebone with 60W
power adaptor
AIMB-225G2-01A1E
(4/0)
(5)
(2)
(1)
(0)
(1)
(0)
(2)
(0)
(2/2)
(1)
CE, FCC
EPC-T1231
AIMB-T12315A-00Y0E
AIMB-T1231 barebone
with 60W power
adaptor
AIMB-231G2-U5A1E
(2/0)
(2)
(2)
(1)
(1)
(0)
(0)
(2)
(0)
(0/4)
(2)
CE, FCC
AIMB-T12313A-00Y0E
AIMB-T1231 barebone
with 60W power
adaptor
AIMB-231G2-U3A1E
(2/0)
(2)
(2)
(1)
(1)
(0)
(0)
(2)
(0)
(0/4)
(2)
CE, FCC
Packing List
Description
Quantity
Warranty Card
1
SATA Data+Power Cable
1
Power cable clamp
1
Rubber Feet Pad
4
Screw (For HDD)
6
Reserved Screw
2
Adapter
Base on P/N
Optional Accessories
Part Number
Description
AIMB-0BRK-WM02E
Wall Mounting Bracket
AIMB-0BRK-VM03E
VESA Mounting Bracket
AIMB-0BRK-DR02E
Din Rail Mounting Bracket
AIMB-0BRK-RM01E
Rack mount bracket
1700023474-01
2 ports USB cable for front panel, 345mm
1700022991-01
2 ports USB cable for rear panel, 100mm
1700022988-01
4 ports COM Cable for front panel, 130+170+210+250mm
1700022990-01
1 prot COM Cable for rear panel, 150mm
1700022992-01
2 ports Audio Cable for front panel, 200mm
96PSA-A60W12V1-1 60W Power Adapter, DC 12V/ 5.0A, AC 100-240VAC/ 1.5A
50-60Hz
96PSA-A84W12V1
84W Power Adapter, DC 12V/ 7.0A, AC 100-240VAC/ 1.3A
50-60Hz
1702002600
Power cord, 3-pin power cord (US)
1702002605
Power cord, 3-pin power cord (EU)
1702031801
Power cord, 3-pin power cord (UK)
1700000237
Power cord, 3-pin power cord with PSE (Japan)
1700000596
Power cord, 3-pin power cord (CCC)
EPC-T1000 Barebone System Series


Similar Part No. - AIMB-T1215DA-00Y0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-T1215DA-00Y0E ADVANTECH-AIMB-T1215DA-00Y0E Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
AIMB-T1215DA-00Y0E ADVANTECH-AIMB-T1215DA-00Y0E Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
AIMB-T1215DA-00Y0E ADVANTECH-AIMB-T1215DA-00Y0E Datasheet
1Mb / 4P
   Thin Barebone System with Embedded Low Profile Mini-ITX Motherboard
More results

Similar Description - AIMB-T1215DA-00Y0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-T1000 ADVANTECH-EPC-T1000 Datasheet
1Mb / 4P
   Thin Barebone System with Embedded Low Profile Mini-ITX Motherboard
EPC-T1215 ADVANTECH-EPC-T1215 Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
EPC-T1225 ADVANTECH-EPC-T1225 Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
EPC-T1231 ADVANTECH-EPC-T1231 Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
EPC-T2285 ADVANTECH-EPC-T2285 Datasheet
595Kb / 2P
   Thin barebone system with desktop low profile Mini-ITX motherboard
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1_15 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
   Mini-ITX Embedded Motherboard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com