Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-T1215DW-00Y0E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-T1215DW-00Y0E
Description  Thin barebone system with embedded low profile Mini-ITX motherboard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-T1215DW-00Y0E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-T1215DW-00Y0E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-T1215DW-00Y0E Datasheet HTML 2Page - Advantech Co., Ltd. AIMB-T1215DW-00Y0E Datasheet HTML 3Page - Advantech Co., Ltd. AIMB-T1215DW-00Y0E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Motherboards & Systems
Features
EPC-T1000 Barebone
System Series
Thin barebone system with embedded
low profile Mini-ITX motherboard
ƒ Thin design with 43mm in height
ƒ Thin barebone with multi-IO ports is suitable for variety of application
environments with DC-in design
ƒ Easy/ quick installation for additional peripherals
ƒ One 2.5" shock-resistant drive bay
ƒ Support Wall/VESA/Din Rail/Rack mounting Kit
ƒ Lock type DC power jack
RoHS
COMPLIANT
2002/95/EC
NEW
Specifications
Model Name
EPC-T1215
EPC-T1225
EPC-T1231
Ordering Parts Number
AIMB-T1215DA-00Y0E
AIMB-T12250A-00Y0E
AIMB-T12315A-00Y0E
AIMB-T12313A-00Y0E
Barebone system
Description
Fan-base barebone, w/ adapter,
w/o HDD, memory
Fan-base barebone, w/ adapter,
w/o HDD, memory
Fan-base barebone, w/ adapter,
w/o HDD, memory
Fan-base barebone, w/ adapter,
w/o HDD, memory
Processor System
Compatible Motherboard
AIMB-215D-S6B1E
AIMB-225G2-00A1E
AIMB-231G2-U5A1E
AIMB-231G2-U3A1E
Thermal solution
1x chassis fan (4cm/23.8CFM each) 1x chassis fan (4cm/23.8CFM each) 1x chassis fan (4cm/23.8CFM each)
1x chassis fan (4cm/23.8CFM each)
CPU
Intel® Bay Trail Quad core
Celeron™ J1900 (on board)
AMD G-series Quad Core GX-
424CC (on board)
Intel Core i5-5350U (on board)
Intel Core i3-5010U (on board)
BIOS
AMI 16 Mbit SPI
AMI 16 Mbit SPI
AMI 128 Mbit SPI
AMI 128 Mbit SPI
Memory
Socket
2 x 204 PIN DDR3 SODIMM
(Non-ECC)
2 x 204 PIN DDR3 SODIMM
(Non-ECC)
2 x 204 PIN DDR3 SODIMM
(Non-ECC)
2 x 204 PIN DDR3 SODIMM
(Non-ECC)
Technology
DDR3L 1066/1333 MHz SDRAM
DDR3L 1333/1866 MHz SDRAM
DDR3L 1600 MHz SDRAM
DDR3L 1600 MHz SDRAM
Max. Capacity
8 GB/up to 4 GB per SODIMM
16 GB/up to 8 GB per SODIMM
16 GB/up to 8 GB per SODIMM
16 GB/up to 8 GB per SODIMM
Graphics
Chipset integrated
Integrated Intel HD Graphics
AMD Radeon™ HD 8000 series
Graphics
Intel® HD Graphics 6000
Intel® HD Graphics 6000
Storage
2.5" HDD bay
1 (support 2.5" HDD/SSD, max 9.5
mm height)
1 (support 2.5" HDD/SSD, max 9.5
mm height)
1 (support 2.5" HDD/SSD, max 9.5
mm height)
1 (support 2.5" HDD/SSD, max 9.5
mm height)
Cfast Socket
0
0
0
0
mSATA Slot
1 (share w/ full size Mini-PCIe slot) 1 (share w/ full size Mini-PCIe slot) 1 (share w/ full size Mini-PCIe slot)
1 (share w/ full size Mini-PCIe slot)
Ethernet
Interface
10/100/1000 Mbps
10/100/1000 Mbps
10/100/1000 Mbps
10/100/1000 Mbps
Controller
LAN1: Realtek RTL8111E
LAN2: Realtek RTL8111E
LAN1: Realtek RTL8111G
LAN2: Realtek RTL8111G
LAN1: Intel PHY i218-LM
LAN2: Intel i210
LAN1: Intel PHY i218-LM
LAN2: Intel i210
Connector
2 (RJ-45)
2 (RJ-45)
2 (RJ-45)
2 (RJ-45)
Audio
Chipset
Realtek ALC892, High Definition
Audio(HD)
Realtek ALC892, High Definition
Audio(HD)
Realtek ALC892, High Definition
Audio(HD)
Realtek ALC892, High Definition
Audio(HD)
Internal expansion Slot
Mini-PCIe
1+1 (Full-size, Half-size)
1+1 (Full-size, Half-size)
1+1 (Full-size, Half-size)
1+1 (Full-size, Half-size)
Front Panel
USB
4 (USB2.0)
4 (USB2.0)
2 (USB2.0)
2 (USB2.0)
COM
5 (RS-232)
5 (4 x RS-232, 1 x RS-232/422/485) 2 (1 x RS-232, 1 x RS-232/422/485)
2 (1 x RS-232, 1 x RS-232/422/485)
Audio Jack
2 (Line-Out, Mic-In)
2 (Line-Out, Mic-In)
2 (Line-Out, Mic-In)
2 (Line-Out, Mic-In)
Antenna (optional)
up to 2
up to 2
up to 2
up to 2
Rear Panel
DP++
1
1
1
1
DP/HDMI
0
0
1
1
VGA
1
0
0
0
DVI
0
1 (DVI-I)
0
0
Lan
2 (RJ-45)
2 (RJ-45)
2 (RJ-45)
2 (RJ-45)
USB
1 (USB3.0); 3 (USB2.0)
2 (USB3.0); 2 (USB2.0)
4 (USB3.0)
4 (USB3.0)
Audio Jack
1 (Line-Out)
1 (Line-Out)
2 (Line-Out, Mic-in)
2 (Line-Out, Mic-in)
Power Input
1 (DC Jack)
1 (DC Jack)
1 (DC Jack)
1 (DC Jack)
COM
1 (RS-232)
0
0
0
Antenna (optional)
up to 2
up to 2
up to 2
up to 2
Miscellaneous
LED Indicators
2 (Power LED, HDD LED)
2 (Power LED, HDD LED)
2 (Power LED, HDD LED)
2 (Power LED, HDD LED)
Control
1 (Power Switch); 1 (Reset Switch)
1 (Power Switch); 1 (Reset Switch)
1 (Power Switch); 1 (Reset Switch)
1 (Power Switch); 1 (Reset Switch)
Power Requirements
Voltage
12V DC-in
12V DC-in
12V DC-in
12V DC-in
Power Consumption
14.27W (idle with Intel Celeron
J1900)
14.47W (idle with AMD G-series
GX-424CC)
14.4W (idle with Inte ULTl i5
Processor)
14.28W (idle with Inte ULTl i3
Processor)
Environment
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
0 ~ 50° C (32 ~ 122° F)
0 ~ 50° C (32 ~ 122° F)
0 ~ 50° C (32 ~ 122° F)
Non-operating Temperature
-20 ~ 60° C (-4 ~ 140° F)
-20 ~ 60° C (-4 ~ 140° F)
-20 ~ 60° C (-4 ~ 140° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10~85% @ 40°C, non-condensing
10~85% @ 40°C, non-condensing 10~85% @ 40°C, non-condensing
10~85% @ 40°C, non-condensing
Vibration (5 ~5 00Hz)
1 Grms (HDD x 1); 3 Grms (SSD
x 1)
1 Grms (HDD x 1); 3 Grms (SSD
x 1)
1 Grms (HDD x 1); 3 Grms (SSD x 1) 1 Grms (HDD x 1); 3 Grms (SSD x 1)
Dimensions (W x H x D)
Dimensions (W x H x D)
250 x 43 x 210 mm
(9.84" x 1.69" x 8.27")
250 x 43 x 210 mm
(9.84" x 1.69" x 8.27")
250 x 43 x 210 mm
(9.84" x 1.69" x 8.27")
250 x 43 x 210 mm
(9.84" x 1.69" x 8.27")
Weight
Weight
3.1kg
3.1kg
3.1kg
3.1kg
All product specifications are subject to change without notice
Last updated : 5-Nov-2015


Similar Part No. - AIMB-T1215DW-00Y0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-T1215DW-00Y0E ADVANTECH-AIMB-T1215DW-00Y0E Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
AIMB-T1215DW-00Y0E ADVANTECH-AIMB-T1215DW-00Y0E Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
AIMB-T1215DW-00Y0E ADVANTECH-AIMB-T1215DW-00Y0E Datasheet
1Mb / 4P
   Thin Barebone System with Embedded Low Profile Mini-ITX Motherboard
More results

Similar Description - AIMB-T1215DW-00Y0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-T1000 ADVANTECH-EPC-T1000 Datasheet
1Mb / 4P
   Thin Barebone System with Embedded Low Profile Mini-ITX Motherboard
EPC-T1215 ADVANTECH-EPC-T1215 Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
EPC-T1225 ADVANTECH-EPC-T1225 Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
EPC-T1225 ADVANTECH-EPC-T1225 Datasheet
1Mb / 4P
   Thin barebone system with embedded low profile Mini-ITX motherboard
EPC-T2285 ADVANTECH-EPC-T2285 Datasheet
595Kb / 2P
   Thin barebone system with desktop low profile Mini-ITX motherboard
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1_15 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
   Mini-ITX Embedded Motherboard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com