Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-3568 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-3568
Description  Intel짰 Pentium짰 & Celeron짰 N3000 Series QSeven CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-3568 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-3568 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-3568 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Pentium® & Celeron® N3000 Series
QSeven CPU Module
SOM-3568
ƒ Intel® Pentium® and Celeron® N3000 Series SoC
ƒ Qseven® 2.0 Specification
ƒ Onboard DDR3L up to 8GB, onboard eMMC up to 32GB
ƒ Support HEVC/H.265, H.264 MPEG2 HW Decode
ƒ GbE, 3 PCIex1, 2 USB3.0, 5 USB2.0, 2 MIPI-CSI
ƒ Supports iManager SUSIAccess, and Embedded Software APIs
Specifications
Compliance
Form-Factor
QSeven 70 x 70 mm
Pin-out Type
QSeven R2.0
Platform
CPU + PCH
Pentium® N3700
Celeron® N3150
Celeron® N3050
Pentium® N3000
Base Frequency
1.6GHz
1.6GHz
1.6GHz
1.04GHz
Burst Frequency
2.4GHz
2.08GHz
2.16GHz
2.08GHz
Core/Tread
4/4
4/4
2/2
2/2
LLC
2MB
2MB
2MB
2MB
CPU TDP
6W
6W
6W
4W
Chipset
N/A
BIOS
AMI UEFI BIOS @ 64Mb
Memory
Technology
DDR3L-1600
ECC Support
Not support
Channel/Socket
Dual Channel / Onboard Memory
Max. Capacity
Up to 8GB
Graphics
Controller
Intel® HD Graphics
Base/Turbo Freq.
400MHz
320MHz
320MHz
320MHz
Graphics Burst Frequency
700MHz
640MHz
600MHz
600MHz
Graphics Memory
TBD
3D/HW Acceleration
DX 11.1, OpenGL 4.2, OpenGL ES 3.0, OpenCL 1.2,
HW Decode: HEVC (H.265) @ L5, H.264 @ 5.2, MPEG2, MVC, VC-1, WMV9, JPEG/MJPEG, VP8
HW Encode: H.264 @ 5.1, MVC, JPEG/MJPEG
Display
LCD
LVDS: Dual channel 18/24-bit, up to 1920 x 1200
Optional eDP 1.4: Up to 2560 x 1440 @ 60Hz 24bpp
DDI
1 DDI port supports HDMI/DP/DVI
HDMI 1.4b: up to 3840 x 2160 @ 30Hz or 2560 x 1600 @ 60Hz, 24bpp
DP 1.1a: up to 3840 x 2160 @ 30Hz or 2560 x 1600 @ 60Hz, 24bpp
DVI: up to 1920 x 1200 @ 60Hz
Multiple Display
Triple independent display
Expansion
PCI Express x1
3 PCIex1 (option 1 PCIex4 without LAN)
Audio Interface
HD Audio
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Controller
Intel® i210AT
Speed
10/100/1000 Mbps
Onboard Storage
eMMC/SATA SSD
eMMC4.51, 4GB to 32GB
I/O
SATA
2 Ports, Support Gen3.1 (6Gb/s) and Gen2 (3 Gb/s) or Gen 1(1.5 Gb/s)
USB3.0
2 Ports
USB2.0
5 Ports
USB Client
N/A
SPI Bus
Support SPI BIOS EEPROM
GPIO
N/A
SDIO/SDXC
Support SD 3.0
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
4-wire COM 2 Ports; optional mux with GPIO 8-bit
TPM
N/A
MIPI-CSI
2 ports; support 1 x4 and 1 x2 MIPI-CSI
CAN Bus
N/A
Smart Fan
1 Ports
Power
Type
ATX: Vin, VSB, AT: Vin
Supply Voltage
Vin: 5V±5%, VSB: 5V±5%, RTC Battery: 2.0-3.3V
Power Consumption
TBD
Environment
Temperature
0 ~ 60° C (32 ~ 140° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
70 x 70 mm (2.75" x 2.75")
Preliminary
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
Monitoring
BIOS flash
Embedded
Security ID
All product specifications are subject to change without notice
Last updated : 10-Dec-2015


Similar Part No. - SOM-3568

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-3568BM0C-S0A1E ADVANTECH-SOM-3568BM0C-S0A1E Datasheet
887Kb / 2P
   Atom Series QSeven CPU Module
SOM-3568BM0C-S1A1E ADVANTECH-SOM-3568BM0C-S1A1E Datasheet
887Kb / 2P
   Atom Series QSeven CPU Module
SOM-3568BM0C-S5A1E ADVANTECH-SOM-3568BM0C-S5A1E Datasheet
887Kb / 2P
   Atom Series QSeven CPU Module
SOM-3568BM0C-S6A1E ADVANTECH-SOM-3568BM0C-S6A1E Datasheet
887Kb / 2P
   Atom Series QSeven CPU Module
SOM-3568CMBC-S6A1E ADVANTECH-SOM-3568CMBC-S6A1E Datasheet
887Kb / 2P
   Atom Series QSeven CPU Module
More results

Similar Description - SOM-3568

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-3567 ADVANTECH-SOM-3567_V01 Datasheet
749Kb / 2P
   Intel짰 Atom??E3800 & Celeron짰 Processor QSeven CPU Module
16-Aug-2018
logo
AAEON Technology
FSB-866G AAEON-FSB-866G Datasheet
638Kb / 2P
   Intel짰 Pentium짰 4/ Celeron짰 D CPU
logo
GSR Technology Ltd
BW051 GSR-BW051 Datasheet
1Mb / 2P
   Intel짰 Pentium짰/Celeron짰 Processor N3000 Family 2.5" Pico-ITX
logo
Axiomtek Co., Ltd.
CEM300PG-N3060-4G AXIOMTEK-CEM300PG-N3060-4G Datasheet
301Kb / 2P
   COM Express Type 10 Mini Module with Intel짰 Pentium짰 & Celeron짰 N3000 Series Processors
logo
Advantech Co., Ltd.
SOM-3565 ADVANTECH-SOM-3565_13 Datasheet
889Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565 ADVANTECH-SOM-3565_15 Datasheet
829Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565 ADVANTECH-SOM-3565 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-4481 ADVANTECH-SOM-4481 Datasheet
308Kb / 2P
   Intel짰 Pentium짰 M, 855GME ETX CPU Module
SOM-4486 ADVANTECH-SOM-4486 Datasheet
302Kb / 2P
   Intel짰 Celeron짰 M, 852GM ETX CPU Module
SOM-3560 ADVANTECH-SOM-3560 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor SCH US15W Qseven CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com