Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5897C7-U8A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5897C7-U8A1E
Description  6th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5897C7-U8A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5897C7-U8A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5897C7-U8A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
6th Gen Intel Core/Celeron Processors
COM Express Basic Module Type 6
SOM-5897
ƒ 6th Gen Intel Core i7/i5/i3/Celeron + PCH QM170
ƒ Dual DDR4 2133, 1.2V Low Power Memory, Max. 32GB
ƒ Support XDP, TPM2.0
ƒ Flexible I/O support: 8 PCIe x1(Gen3) with LAN, TPM2.0
ƒ Supports iManager SUSIAccess, and Embedded Software APIs
Specifications
Compliance
Form-Factor
COM Express Basic Module
Pin-out Type
COM Express R2.1 Type 6 pin out
Platform
Processor
i7-6820EQ
i7-6822EQ
i5-6440EQ
i5-6442EQ
i3-6100E
i3-6102E
E3-1505M V5
E3-1505L V5
Base Frequency
2.8GHz
2.0GHz
2.7GHz
1.9GHz
2.7GHz
1.9GHz
2.8GHz
2.0GHz
Turbo Boost Freq.
3.5GHz
2.8GHz
3.4GHz
2.7GHz
-
-
3.7GHz
2.8GHz
Core/Tread
4/8
4/8
4/4
2/2
2/4
2/4
4/8
4/8
LLC
8
8
6
6
3
3
8
8
CPU TDP
45W
25W
45W
25W
35W
25W
45W
25W
Chipset
QM170
BIOS
AMI UEFI 128Mbit
Memory
Technology
DDR4
ECC Support
Not supported
Not supported
Not supported
Not supported
Not supported
Not supported
Support
Support
Channel/Socket
Dual Channels / 2 sockets
Max. Capacity
Up to 32GB
Graphics
Controller
Intel Gen 9
Base/Turbo Freq.
350/1000
350/1000
350/1000
350/1000
350/950
350/950
350/1050
350/1000
Graphics Memory
Intel DMVT5.0, share memory up to 1024MB
3D/HW Acceleration
HW Encode: H.265/HEVC, H.264, MPEG2, HW Decode: H.264, Direct3D 12(2015)/11.2/11.1/10/9, Direct2D, OpenGL 4.4, OpenCL 2.1/2.0/1.2
Display
VGA
1 port up to 1920 x 1200 @ 60 Hz
LCD
LVDS Dual Channel 18/24-bit, up to 1920 x 1200 @ 60Hz
DDI
2 Port configurable to HDMI1.4/DVI/Displayport1.2
HDMI up to 4096 x 2160@24Hz, DVI up to 1920 x 1200@60Hz, DP up to 4096 x 2304 @ 60Hz
Multiple Display
Dual display, Triple display with each display combinations
Expansion
PCI Express x16
1 PCIe x16 configurable to 1 x16, 2 x8, 1 x8 + 2 x4
PCI Express x1
8 PCIe x1, configurable to x4 or x2
Audio Interface
Intel HD Audio Interface
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Controller
Intel i219
Speed
10/100/1000 Mbps
I/O
SATA
4 SATAIII 6.0Gb/s
USB3.0
4 Ports
USB2.0
8 Ports
SPI Bus
Yes
GPIO
8-bit
Watchdog
65536 level, 0~65535 sec
COM Port
2 Ports (2-wire)
Express Card
2 Ports
TPM
Optional TPM2.0 (Infineon SLB9665)
Smart Fan
2 Ports; 1 port on COM module. Support 12V Fan, 1 port on carrier board
Power
Type
ATX: Vin, VSB; AT: Vin
Supply Voltage
Vin: 8.5V (9V-5%) ~ 20V (19+5%); VSB: 5 +/-5%, RTC Battery: 2.0~3.3V
Power Consumption
Max: (16GB DDR4 2133) i7-6820EQ +12V @ 43.3W
Idle: (16GB DDR4 2133) i7-6820EQ +12V @ 5.23W
*Only for reference and will depends on custom software loading, detail refer to user manual
Environment
Temperature
Operating Standard: 0 ~ 60° C (32 ~ 140° F),
Extend: -40 ~ 85° C (-40 ~ 185° F)
Storage -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Preliminary
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
Monitoring
BIOS flash
Embedded
Security ID
All product specifications are subject to change without notice
Last updated : 25-Jan-2016


Similar Part No. - SOM-5897C7-U8A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5897C7-U8A1E ADVANTECH-SOM-5897C7-U8A1E Datasheet
883Kb / 2P
   Processors COM Express Basic Module
SOM-5897C7-U8A1E ADVANTECH-SOM-5897C7-U8A1E Datasheet
636Kb / 2P
   6th Gen Intel Xeon/Core/Celeron Processors COM Express Basic Module Type 6
18-Aug-2020
More results

Similar Description - SOM-5897C7-U8A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5897 ADVANTECH-SOM-5897_V01 Datasheet
636Kb / 2P
   6th Gen Intel Xeon/Core/Celeron Processors COM Express Basic Module Type 6
18-Aug-2020
SOM-6897 ADVANTECH-SOM-6897_V01 Datasheet
902Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
30-May-2018
SOM-6897 ADVANTECH-SOM-6897 Datasheet
1Mb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897_17 Datasheet
888Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-5898 ADVANTECH-SOM-5898 Datasheet
900Kb / 2P
   7th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
SOM-6896_15 ADVANTECH-SOM-6896_15_12 Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
SOM-6898 ADVANTECH-SOM-6898 Datasheet
890Kb / 2P
   7th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
   6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Axiomtek Co., Ltd.
CEM501 AXIOMTEK-CEM501_17 Datasheet
245Kb / 1P
   COM Express Type 6 Module with 6th Gen Intel Core i7/i5/i3 and Celeron Processor
logo
DFI Inc
CR960-QM77 DFI-CR960-QM77 Datasheet
945Kb / 2P
   3rd Gen Intel Core COM Express Basic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com