Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5991X8-S7A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5991X8-S7A1E
Description  Intel짰 Xeon짰 Processor D-1500 Product Family COM Express짰 Basic Module Type 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5991X8-S7A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5991X8-S7A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5991X8-S7A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-5991
Ordering Information
Part No.
CPU
Core Freq. CPU
TDP LLC
DDR4
SODIMM
Giga
LAN 10GBase-KR
PEG
x16 PCIe x1
USB
2.0
USB
3.0
SATA III LPC
Power Thermal
solution
Operating
Temp.
SOM-5991X8-U0A1E Xeon
D-1548 8
2.0
45W 12MB ECC/non ECC 1
2
1
8
4
4
4
Yes
AT/ATX Active
0 ~ 60° C
SOM-5991X8-S7A1E Xeon
D-1537 8
1.7
35W 12MB ECC/non ECC 1
2
1
8
4
4
4
Yes
AT/ATX Active
0 ~ 60° C
SOM-5991P4-S6A1E Pentium
D1517
4
1.6
25W 6MB
ECC/non ECC 1
2
1
8
4
4
4
Yes
AT/ATX Active
0 ~ 60° C
Intel® Xeon® Processor
D-1500 Product Family
Dual Channel
DDR4 2400/2133MHz
Up to 32GB SODIMM
2 PCIe x1 [#6]
2 10GbE
PCIe x1
Ethernet
1 PCIe x16
[#0-15]
4 USB 3.0
6 PCIe x1
[#0-5]
4 USB 2.0
4 SATA III
WDT/GPIO/I2C
RS1/RS2/FAN
LPC Bus
GIGA LAN
Intel i210AT
iManager
EFI BIOS
TPM2.0
(Option)
SMBus
SPI Bus


Similar Part No. - SOM-5991X8-S7A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5991X8-U0A1E ADVANTECH-SOM-5991X8-U0A1E Datasheet
799Kb / 2P
   Basic Module Type 6
More results

Similar Description - SOM-5991X8-S7A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5890 ADVANTECH-SOM-5890_15 Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892 ADVANTECH-SOM-5892_15 Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5894 ADVANTECH-SOM-5894 Datasheet
1Mb / 2P
   4th Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892FG-U1A1E ADVANTECH-SOM-5892FG-U1A1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5790 ADVANTECH-SOM-5790_15 Datasheet
768Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
logo
Adlink Technology Inc.
EXPRESS-CFR ADLINK-EXPRESS-CFR Datasheet
512Kb / 4P
   COM Express짰 Basic Size Type 6 Module
logo
Advantech Co., Ltd.
SOM-9890 ADVANTECH-SOM-9890_15 Datasheet
622Kb / 2P
   3rd Gen. Intel짰 Core??Socket COM Express짰 Basic Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com