Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27761 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM27761
Description  Low-Noise Regulated Switched-Capacitor Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27761 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM27761_16 Datasheet HTML 7Page - Texas Instruments LM27761_16 Datasheet HTML 8Page - Texas Instruments LM27761_16 Datasheet HTML 9Page - Texas Instruments LM27761_16 Datasheet HTML 10Page - Texas Instruments LM27761_16 Datasheet HTML 11Page - Texas Instruments LM27761_16 Datasheet HTML 12Page - Texas Instruments LM27761_16 Datasheet HTML 13Page - Texas Instruments LM27761_16 Datasheet HTML 14Page - Texas Instruments LM27761_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
VIN
EN
LM27761
C1+
C1-
VOUT
VFB
CPOUT
GND
C1
1 µF
C3
4.7 µF
C4
2.2 µF
C2
4.7 µF
R1
R2
11
LM27761
www.ti.com
SNVSA85B – OCTOBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM27761
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM27761 low-noise charge-pump voltage converter inverts a positive voltage in the range of 2.7 V to 5.5 V
to a negative output voltage configurable with external gain setting resistors. The device uses four low-cost
capacitors to provide up to 250 mA of output current. The LM27761 operates at a 2-MHz oscillator frequency to
reduce charge-pump output resistance and voltage ripple under heavy loads. With an operating current of only
370 µA and 7-µA typical shutdown current, the LM27761 provides ideal performance for battery-powered
systems.
8.2 Typical Application - Regulated Voltage Inverter
Figure 16. LM27761 Typical Application
8.2.1 Design Requirements
Example requirements for typical applications using the LM27761 device are listed in Table 1:
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
2.7 V to 5.5 V
Output voltage
–1.5 V to –5 V
Output current
0 mA to 250 mA
Boost switching frequency
2 MHz


Similar Part No. - LM27761_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results

Similar Description - LM27761_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com