Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3880MF-1AA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3880MF-1AA
Description  Simple Power Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3880MF-1AA Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3880MF-1AA Datasheet HTML 4Page - Texas Instruments LM3880MF-1AA Datasheet HTML 5Page - Texas Instruments LM3880MF-1AA Datasheet HTML 6Page - Texas Instruments LM3880MF-1AA Datasheet HTML 7Page - Texas Instruments LM3880MF-1AA Datasheet HTML 8Page - Texas Instruments LM3880MF-1AA Datasheet HTML 9Page - Texas Instruments LM3880MF-1AA Datasheet HTML 10Page - Texas Instruments LM3880MF-1AA Datasheet HTML 11Page - Texas Instruments LM3880MF-1AA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
-40
125
TEMPERATURE (°C)
1.216
1.220
1.222
1.224
1.226
1.228
1.230
1.218
5
35
65
95
-10
20
50
80
110
-25
1.214
1.232
RISING
FALLING
2.5
3
3.5
4
4.5
5
5.5
20
21
22
23
24
25
26
27
28
29
30
VCC (V)
-40
125
TEMPERATURE (
oC)
5
35
65
95
-10
20
50
80
110
-25
20
26
21
23
24
25
22
8
LM3880, LM3880-Q1
SNVS451K – AUGUST 2006 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3880 LM3880-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 4. Quiescent Current vs VCC
Figure 5. Quiescent Current vs Temperature (VCC = 3.3 V)
Figure 6. Enable Threshold vs Temperature
Figure 7. Time Delay (30 ms) vs Vcc
Figure 8. Time Delay Ratio vs Temperature
Figure 9. Time Delay (30 ms) vs Temperature


Similar Part No. - LM3880MF-1AA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3880MF-1AA NSC-LM3880MF-1AA Datasheet
283Kb / 12P
   Power Sequencer
More results

Similar Description - LM3880MF-1AA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881 Datasheet
1Mb / 27P
[Old version datasheet]   LM3881 Simple Power Sequencer With Adjustable Timing
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com