Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56720PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56720PWP
Description  Synchronous Step-Down Voltage Regulator with Voltage Scaling
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56720PWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS56720PWP Datasheet HTML 1Page - Texas Instruments TPS56720PWP Datasheet HTML 2Page - Texas Instruments TPS56720PWP Datasheet HTML 3Page - Texas Instruments TPS56720PWP Datasheet HTML 4Page - Texas Instruments TPS56720PWP Datasheet HTML 5Page - Texas Instruments TPS56720PWP Datasheet HTML 6Page - Texas Instruments TPS56720PWP Datasheet HTML 7Page - Texas Instruments TPS56720PWP Datasheet HTML 8Page - Texas Instruments TPS56720PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
PGND
PGND
0.1µF
C3
0.01µF
C5
100µF
C6
PGND
10.0k
R4
PWRGD
4.7µF
C2
AGND
1.5µH
L1
10µF
C1
1.0k
R1
1.0k
R2
C4
EN
1
SDA
2
SCL
3
A1
4
A0
5
VIN
6
PVIN
7
PVIN
8
PGND
9
PGND
10
11
12
13
14
SW
15
SW
16
SW
17
VBST
18
PGOOD
19
VREG5
20
GND
SS
VOUT
VFB
U1
TPS56520
AGND
1.0k
R3
18.2k
R5
22k
R6
PGND
3.3 V
VOUT
VIN
2.2µF
TPS56720
TPS56920
SDA
SCL
A1
A0
SDA
SCL
A1
A0
µProcessor
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS56C20, TPS56920, TPS56720, TPS56520
SLVSCB6D – NOVEMBER 2013 – REVISED FEBRUARY 2016
TPS56x20 4.5V to 17V Input, 12A/9A/7A/5A Output, Synchronous Step-Down Voltage
Regulator with Voltage Scaling
1
1 Features
1
D-CAP2™ Control
Input Voltage Range: 4.5V to 17V
Switching Frequency: 500kHz
Optimized for a 1.0µH to 2.2µH Inductor
±1% Output Voltage Accuracy
Features via I2C Compatible Interface
Output Voltage (VID): 0.6V to 1.87V in 10mV
Auto-Skip Eco-mode™ ON/OFF (Light-load)
Current Limit Target: 40% to 160%
Enabling IC, Reading-back Power-good
Hiccup Mode Protection ON/OFF
IC Terminal Features
Start-up by Using External Resistors
Output Voltage with VFB Pin: 0.6V to 1.87V
Adjustable Soft-start,
Monotonic Pre-Biased Start-up
Power-good
I2C Address Programming (2bits)
Cycle-by-Cycle Overcurrent Limiting Control
Thermal Shutdown (TSD)
Undervoltage Lockout (UVLO)
TSSOP Package (PWP) with PowerPAD™
2 Applications
Media Processors for Consumer Applications:
Digital TVs, Set Top Boxes (STB, DVD/Blu-ray
Player, Cable/Satellite Modem)
SoC Processors
High Density Power Distribution Systems
3 Description
The TPS56X20 is a synchronous DC-DC converter IC
(integrated circuit) with a voltage scaling control to
power up micro-processors (MCUs) requiring core
voltage (VCORE) tune-ups. After the initial power-up,
the output voltage can be programmed/scaled by VID
codes sent over an I2C compatible bus.
This step-down (buck) converter employs an adaptive
on-time D-CAP2 mode control which provides a very
fast transient response with no external components.
Unlike traditional voltage-/current-mode controls, the
D-CAP2 supports seamless transition between PWM
mode for higher load and Eco-mode™ for light load.
Eco-mode maintains high efficiency in light-load.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TPS56C20
HTSSOP (24)
7.80 mm × 4.40 mm
TPS56920
HTSSOP (20)
6.50 mm × 4.40 mm
TPS56720
TPS56520
Typical Application Circuit


Similar Part No. - TPS56720PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200 TI-TPS560200 Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
TPS560200 TI1-TPS560200 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS560200 TI1-TPS560200 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
More results

Similar Description - TPS56720PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Advanced Analogic Techn...
AAT1142 ANALOGICTECH-AAT1142 Datasheet
979Kb / 22P
   800mA Voltage-Scaling Step-Down Converter
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Infineon Technologies A...
TLE6365 INFINEON-TLE6365_07 Datasheet
285Kb / 18P
   Step Down Voltage Regulator with Reset
Rev. 1.9, 2007-07-30
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
   1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com