Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54334DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54334DRCT
Description  Synchronous Step-Down Voltage Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54334DRCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS54334DRCT Datasheet HTML 1Page - Texas Instruments TPS54334DRCT Datasheet HTML 2Page - Texas Instruments TPS54334DRCT Datasheet HTML 3Page - Texas Instruments TPS54334DRCT Datasheet HTML 4Page - Texas Instruments TPS54334DRCT Datasheet HTML 5Page - Texas Instruments TPS54334DRCT Datasheet HTML 6Page - Texas Instruments TPS54334DRCT Datasheet HTML 7Page - Texas Instruments TPS54334DRCT Datasheet HTML 8Page - Texas Instruments TPS54334DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
2
3
4
5
6
7
8
BOOT
VIN
SW
GND
PGOOD
EN
COMP
VSENSE
PowerPAD
1
2
3
4
5
10
9
8
7
6
VIN
SW
GND
GND
GND
PGOOD
BOOT
EN
COMP
VSENSE
Thermal Pad
3
TPS54334
www.ti.com
SLUSC26A – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: TPS54334
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRC Package
10 Pin VSON
Top View
DDA Package
8 Pin SO
Top View
Pin Functions
PIN
NAME
NUMBER
I/O
DESCRIPTION
DDA
DRC
BOOT
1
9
O
A bootstrap capacitor is required between BOOT and SW. If the voltage on this capacitor is below the
minimum required by the output device, the output is forced to switch off until the capacitor is
refreshed.
COMP
6
7
O
Error amplifier output, and input to the output switch current comparator. Connect frequency
compensation components to this pin.
EN
7
8
I
Enable pin. Float to enable.
GND
4
3, 4, 5
Ground.
PGOOD
8
10
O
PGOOD open drain output. Connect a pull-up resistor with a value of 100k
Ω to this pin.
SW
3
2
O
The source of the internal high side power MOSFET.
Vin
2
1
Input supply voltage, 4.2 V to 28 V.
VSENSE
5
6
I
Inverting node of the gm error amplifier.
PowerPad (SO only)
GND pin should be connected to the exposed thermal pad for proper operation. This thermal pad
should be connected to any internal PCB ground plane using multiple vias for good thermal
performance.
Thermal pad (VSON only)


Similar Part No. - TPS54334DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54334 TI-TPS54334_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS54334 4.2-V to 28-V Input Voltage, 3-A Output Current Synchronous SWIFT??Step-Down Voltage Converter
More results

Similar Description - TPS54334DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com