Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS57060-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57060-Q1
Description  Step-Down DC-DC Converter With
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57060-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS57060-Q1 Datasheet HTML 1Page - Texas Instruments TPS57060-Q1 Datasheet HTML 2Page - Texas Instruments TPS57060-Q1 Datasheet HTML 3Page - Texas Instruments TPS57060-Q1 Datasheet HTML 4Page - Texas Instruments TPS57060-Q1 Datasheet HTML 5Page - Texas Instruments TPS57060-Q1 Datasheet HTML 6Page - Texas Instruments TPS57060-Q1 Datasheet HTML 7Page - Texas Instruments TPS57060-Q1 Datasheet HTML 8Page - Texas Instruments TPS57060-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
PH
VIN
GND
BOOT
VSENSE
COMP
TPS57060-Q1
EN
RT /CLK
SS /TR
PWRGD
0
10
20
30
40
50
60
70
80
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Load Current - A
100
90
0.45
0.5
V = 12 V,
V = 3.3 V,
f
= 500 kHz
I
O
sw
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS57060-Q1
SLVSAP2C – DECEMBER 2010 – REVISED FEBRUARY 2016
TPS57060-Q1 0.5-A 60-V Step-Down DC-DC Converter With Eco-mode™
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40°C to
+125°C
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
3.5-V to 60-V Input Voltage Range
200-m
Ω High-Side MOSFET
High Efficiency at Light Loads with a Pulse
Skipping Eco-mode™ Control Scheme
116-
μA Operating Quiescent Current
1.3-
μA Shutdown Current
100-kHz to 2.5-MHz Switching Frequency
Synchronizes to External Clock
Adjustable Slow Start/Sequencing
Undervoltage and Overvoltage Power Good
Output
Adjustable UVLO Voltage and Hysteresis
0.8-V Internal Voltage Reference
Supported by SwitcherPro™ Software Tool
(www.ti.com/tool/SwitcherPro)
2 Applications
12-V, 24-V, and 48-V Industrial and Commercial
Low Power Systems
Automotive Infotainment, Head Unit, Display
Navigation, Audio and Clusters
Automotive Body Applications, HVAC, Wireless
Charging
Advanced Driver-Assistance System (ADAS),
Rear-View Camera Module, Blind Spot Radar
Industrial DC Power Systems
3 Description
The TPS57060-Q1 device is a 60-V 0.5-A step-down
regulator with an integrated high-side MOSFET.
Current-mode
control
provides
simple
external
compensation and flexible component selection. A
low-ripple pulse-skip mode reduces the no load,
regulated output supply current to 116
μA. When the
enable pin is in the low state, the shutdown current is
reduced to 1.3
μA.
Undervoltage lockout is internally set at 2.5 V, but
can be increased using the enable pin. The output
voltage startup ramp is controlled by the slow start
pin that can also be configured for sequencing and
tracking. An open-drain power good signal indicates
the output is within 92% to 109% of the nominal
voltage.
A wide switching frequency range allows efficiency
and external component size to be optimized.
Frequency fold back and thermal shutdown protects
the part during an overload condition.
The TPS57060-Q1 device is available in a 10-pin
thermally enhanced MSOP-PowerPAD™ package
(DGQ) and a VSON (DRC) package.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE (NOM)
TPS57060-Q1
MSOP-PowerPAD (10)
3.00 mm × 3.00 mm
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Efficiency vs Load Current


Similar Part No. - TPS57060-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results

Similar Description - TPS57060-Q1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com