Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54336ADDAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54336ADDAR
Description  Synchronous Step-Down DC-DC Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54336ADDAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54336ADDAR Datasheet HTML 3Page - Texas Instruments TPS54336ADDAR Datasheet HTML 4Page - Texas Instruments TPS54336ADDAR Datasheet HTML 5Page - Texas Instruments TPS54336ADDAR Datasheet HTML 6Page - Texas Instruments TPS54336ADDAR Datasheet HTML 7Page - Texas Instruments TPS54336ADDAR Datasheet HTML 8Page - Texas Instruments TPS54336ADDAR Datasheet HTML 9Page - Texas Instruments TPS54336ADDAR Datasheet HTML 10Page - Texas Instruments TPS54336ADDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
1.210
1.215
1.220
1.225
1.230
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C005
3.20
3.25
3.30
3.35
3.40
3.45
3.50
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C006
0.792
0.796
0.800
0.804
0.808
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C003
465
470
475
480
485
490
495
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C004
70
90
110
130
150
170
190
210
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C001
50
60
70
80
90
100
110
120
130
140
±50
±25
0
25
50
75
100
125
150
Junction Temperature (
ƒC)
C002
7
TPS54335A, TPS54335-1A, TPS54336A
www.ti.com
SLVSCD5D – NOVEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: TPS54335A TPS54335-1A TPS54336A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
VIN = 12 V
Figure 1. High-Side MOSFET on Resistance vs Junction
Temperature
VIN = 12 V
Figure 2. Low-Side MOSFET on Resistance vs Junction
Temperature
Figure 3. Voltage Reference vs Junction Temperature
Figure 4. Oscillator Frequency vs Junction Temperature
VIN = 12 V
Figure 5. UVLO Threshold vs Junction Temperature
VIN = 12 V
Figure 6. Hysteresis Current vs Junction Temperature


Similar Part No. - TPS54336ADDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54336ADDAR TI1-TPS54336ADDAR Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
More results

Similar Description - TPS54336ADDAR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com