Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS81256SIPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS81256SIPR
Description  High Efficiency Step-Up Converter In MicroSiP Packaging
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS81256SIPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS81256SIPR Datasheet HTML 5Page - Texas Instruments TPS81256SIPR Datasheet HTML 6Page - Texas Instruments TPS81256SIPR Datasheet HTML 7Page - Texas Instruments TPS81256SIPR Datasheet HTML 8Page - Texas Instruments TPS81256SIPR Datasheet HTML 9Page - Texas Instruments TPS81256SIPR Datasheet HTML 10Page - Texas Instruments TPS81256SIPR Datasheet HTML 11Page - Texas Instruments TPS81256SIPR Datasheet HTML 12Page - Texas Instruments TPS81256SIPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
L
GND
EN
VIN
C
2.2µF
I
1µH
C
2.2µF
O
VOUT
DC/DC CONVERTER
Undervoltage
Lockout
Thermal
Shutdown
Softstart
Control
Logic
PMOS
Valley
Current
Sense
V
REF
NMOS
Modulator
x2
9
TPS81256
www.ti.com
SLVSAZ9C – JUNE 2012 – REVISED FEBRUARY 2016
Product Folder Links: TPS81256
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS81256 is a stand-alone, synchronous, step-up converter module. The converter operates at a quasi-
constant 4-MHz frequency pulse width modulation (PWM) at moderate to heavy load currents. At light load
currents, the TPS81256 converter operates in power-save mode with pulse frequency modulation (PFM).
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Operation
During PWM operation, the converter uses a novel quasi-constant on-time valley current mode control scheme to
achieve excellent line/load regulation and allows the use of a small ceramic inductor and capacitors. Based on
the VIN/VOUT ratio, a simple circuit predicts the required on-time.
At the beginning of the switching cycle, the low-side N-MOS switch is turned-on and the inductor current ramps
up to a peak current that is defined by the on-time and the inductance. In the second phase, once the on-timer
has expired, the rectifier is turned-on and the inductor current decays to a preset valley current threshold. Finally,
the switching cycle repeats by setting the on timer again and activating the low-side N-MOS switch.


Similar Part No. - TPS81256SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256SIPR TI1-TPS81256SIPR Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIPR TI1-TPS81256SIPR Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
More results

Similar Description - TPS81256SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256 Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI1-TPS81256_14 Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com