Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65218B1PHPT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65218B1PHPT
Description  Power Management
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65218B1PHPT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65218B1PHPT Datasheet HTML 7Page - Texas Instruments TPS65218B1PHPT Datasheet HTML 8Page - Texas Instruments TPS65218B1PHPT Datasheet HTML 9Page - Texas Instruments TPS65218B1PHPT Datasheet HTML 10Page - Texas Instruments TPS65218B1PHPT Datasheet HTML 11Page - Texas Instruments TPS65218B1PHPT Datasheet HTML 12Page - Texas Instruments TPS65218B1PHPT Datasheet HTML 13Page - Texas Instruments TPS65218B1PHPT Datasheet HTML 14Page - Texas Instruments TPS65218B1PHPT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
11
TPS65218
www.ti.com
SLDS206B – NOVEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: TPS65218
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DCDC6 (1.8-V BATTERY BACKUP SUPPLY)
VDCDC6
Output voltage
1.8
V
DC accuracy
2.7 V
≤ VIN_BU ≤ 5.5 V;
1 µA
≤ IOUT ≤ 25 mA
–1.5%
1.5%
2.2 V
≤ VCC ≤ 3.3 V;
1 µA
≤ IOUT ≤ 100 µA
VIN_BIAS decay rate during CC transition > 150 V/s
–1.5%
1.5%
2.2 V
≤ VCC ≤ 3.3 V;
1 µA
≤ IOUT ≤ 100 µA
VIN_BIAS decay rate during CC transition < 150 V/s
–10%
5%
Output voltage ripple
L = 10 µH; COUT = 22 µF; 100-µA load
30
mVpp
IOUT
Continuous output current
2.2 V < VCC < 3.3 V
VIN_BU = 0
10
100
µA
RDS(ON)
High-side FET ON-resistance
VIN_BU = 3.0 V
2.5
3.5
Ω
Low-side FET ON-resistance
VIN_BU = 3.0 V
2
3
ILIMIT
High-side current limit
VIN_BU = 3.0 V
50
mA
VPG
Power-good threshold
VOUT falling
87%
91%
95%
Hysteresis
VOUT rising
3%
IINRUSH
Inrush current
VCC = 3.0 V; VIN_BU = 0; COUT = 10 to 47 µF
500
µA
L
Nominal inductor value
Chip inductor
4.7
10
22
µH
Tolerance
–30%
30%
COUT
Nominal output capacitor value
Ceramic, X5R or X7R
20
47
µF
Tolerance
–20%
20%
LDO1 (1.8-V LDO)
VIN_LDO1
Input voltage range
VIN_BIAS > VUVLO
1.8
5.5
V
IQ
Quiescent current
No load
35
µA
VOUT
Output voltage range
Adjustable through I2C
0.9
3.4
V
DC Accuracy
VOUT+0.2 V ≤ VIN ≤ 5.5 V; 0 A ≤ IOUT ≤ 200 mA
–2%
2%
IOUT
Output current range
0
200
mA
VIN_LDO1 > 2.7 V, VOUT = 1.8 V
0
400
ILIMIT
Short circuit current limit
Output shorted to GND
490
550
mA
VDO
Dropout voltage
IOUT = 100 mA, VIN = 3.6 V
200
mV
VPG
Power-good threshold
VOUT falling
STRICT = 0
86%
90%
94%
STRICT = 1
95%
95.5%
96%
Hysteresis, VOUT rising
STRICT = 0
3%
4%
5%
STRICT = 1
0.25%
Deglitch
VOUT falling
STRICT = 0
1
ms
STRICT = 1
50
µs
VOUT rising
STRICT = 0
10
STRICT = 1
10
Time-out
5
ms
VOV
Over-voltage detection
threshold(2)
VOUT rising
104%
104.5%
105%
Hysteresis
VOUT falling
0.25%
Deglitch
VOUT rising
50
µs
VOUT falling
1
ms
RDIS
Discharge resistor
150
250
350
Ω


Similar Part No. - TPS65218B1PHPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
TPS6521815RSLR TI1-TPS6521815RSLR Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
TPS6521815RSLT TI1-TPS6521815RSLT Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 109P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
More results

Similar Description - TPS65218B1PHPT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
IMZ2A UTC-IMZ2A_15 Datasheet
110Kb / 3P
   POWER MANAGEMENT
logo
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
   Power Management
logo
Tiger Electronic Co.,Lt...
EMC5 TGS-EMC5 Datasheet
106Kb / 3P
   Power management
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
   Power Management
logo
Rohm
EMC4 ROHM-EMC4 Datasheet
63Kb / 3P
   Power management
logo
ATMEL Corporation
AT73C203 ATMEL-AT73C203_14 Datasheet
54Kb / 106P
   Power Management
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC_15 Datasheet
160Kb / 2P
   Power Management
logo
ATMEL Corporation
AT73C211 ATMEL-AT73C211 Datasheet
107Kb / 4P
   Power Management
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Silicon Laboratories
SI3483 SILABS-SI3483 Datasheet
1Mb / 52P
   POWER MANAGEMENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com