Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU038-1205C4 Datasheet(PDF) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU038-1205C4
Description  CITILED COB Series Standard Type Ra90 Model
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU038-1205C4 Datasheet(HTML) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU038-1205C4 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Ref.CE-P3537 02/16
4-2. Optical Characteristics (continued)
4-3. Derating Characteristics
Case Temperature
vs. Allowable Forward Current
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
Tc [C]
8
Radiation Characteristic
0%
20%
40%
60%
80%
100%
X
Y
80°
70°
60°
50°
40°
30°
20°
10°
-80°
-70°
-60°
-50°
-20°
-30°
-40°
-10°
90°
-90°


Similar Part No. - CLU038-1205C4

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU038-1205C4 CITIZEN-CLU038-1205C4 Datasheet
640Kb / 15P
   Standard Type
CLU038-1205C4-27*M2M2-F1 CITIZEN-CLU038-1205C4-27*M2M2-F1 Datasheet
640Kb / 15P
   Standard Type
CLU038-1205C4-30*M2M2-F1 CITIZEN-CLU038-1205C4-30*M2M2-F1 Datasheet
640Kb / 15P
   Standard Type
CLU038-1205C4-30AL7M4-F1 CITIZEN-CLU038-1205C4-30AL7M4-F1 Datasheet
640Kb / 15P
   Standard Type
CLU038-1205C4-35*M2M2-F1 CITIZEN-CLU038-1205C4-35*M2M2-F1 Datasheet
640Kb / 15P
   Standard Type
More results

Similar Description - CLU038-1205C4

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU058-1825C4 CITIZEN-CLU058-1825C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1210C4 CITIZEN-CLU038-1210C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1201C4 CITIZEN-CLU028-1201C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1202C4 CITIZEN-CLU028-1202C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1206C4 CITIZEN-CLU038-1206C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1818C4 CITIZEN-CLU048-1818C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1203C4 CITIZEN-CLU028-1203C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1204C4 CITIZEN-CLU028-1204C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1212C4 CITIZEN-CLU048-1212C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1812C4 CITIZEN-CLU048-1812C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com