Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU700-1002C1-33GV1J8 Datasheet(PDF) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU700-1002C1-33GV1J8
Description  CITILED VIVID Series High intensity Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU700-1002C1-33GV1J8 Datasheet(HTML) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU700-1002C1-33GV1J8 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002C1-33GV1J8 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002C1-33GV1J8 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002C1-33GV1J8 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002C1-33GV1J8 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002C1-33GV1J8 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002C1-33GV1J8 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002C1-33GV1J8 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002C1-33GV1J8 Datasheet HTML 14Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ref.CE-P3429 01/16
7-4. Thermal Design
-The thermal design to draw heat away from the LED junction is most critical parameter for an LED illumination system.
High operating temperatures at the LED junction adversely affect the performance of LED’s light output and lifetime.
Therefore the LED junction temperature should not exceed the absolute maximum rating in LED illumination system.
-The LED junction temperature while operation of LED illumination system depends upon thermal resistance of internal
LED package (Rj-c), outer thermal resistances of LED package, power loss and ambient temperature. Please take both of
the thermal design specifications and ambient temperature conditions into consideration for the setting of driving
conditions.
-For more information, please refer to application note "Thermal Management", "Instruction Manual(COB LED
Package)".
7-5. Driving Current
-A constant current is recommended as an applying driving current to this product.
In the case of constant voltage driving, please connect current-limiting resistor to each products in series and control
the driving current to keep under the absolute maximum rating forward current value.
-Electrical transient might apply excess voltage, excess current and reverse voltage to the product(s).
They also affect negative impact on the product(s) therefore please make sure that no excess voltage, no excess current
and no reverse voltage is applied to the product(s) when the LED driver is turn-on and/or turn-off.
-For more information, please refer to application note "Driving", "Instruction Manual(COB LED Package)".
7-6. Lighting at a minimum current value
7-7. Electrical Safety
-This product is designed and produced according to IEC 62031:2008
(IEC 62031:2008 LED modules for general lighting. Safety specification)
-Dielectric voltage withstand test has been conducted on this product to see any failure after applying
voltage between active pads and aluminum section of the product, and to pass at least 500V.
-Considering conformity assessment for IEC62031:2008, almost all items of the specification depend upon
your final product of LED illumination system.
Therefore, please confirm with your final product for electrical safety of your product.
As well, the products comply with the criteria of IEC62031:2008 as single LED package.
11
-A minimum current value of lighting of all dice is 10mA.
When a minimum current is applied, LED dice may look different in their brightness due to
the individual difference of the LED element, and it is not a failed product.


Similar Part No. - CLU700-1002C1-33GV1J8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU700-1002C1-33GV1J8 CITIZEN-CLU700-1002C1-33GV1J8 Datasheet
647Kb / 14P
   High intensity Type
More results

Similar Description - CLU700-1002C1-33GV1J8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1 Datasheet
713Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0303C1 CITIZEN-CLU700-0303C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0602C1 CITIZEN-CLU700-0602C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU034-1208B8 CITIZEN-CLU034-1208B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1212B8 CITIZEN-CLU044-1212B8 Datasheet
660Kb / 14P
   CITILED COB Series VIVID Type
CLU034-1206B8 CITIZEN-CLU034-1206B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU024-1204B8 CITIZEN-CLU024-1204B8 Datasheet
690Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1812B8 CITIZEN-CLU044-1812B8 Datasheet
659Kb / 14P
   CITILED COB Series VIVID Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com