Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU720-1206B8-403H5G3 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU720-1206B8-403H5G3
Description  CITILED COB Series High intensity High-CRI Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU720-1206B8-403H5G3 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU720-1206B8-403H5G3 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-403H5G3 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-403H5G3 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-403H5G3 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-403H5G3 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-403H5G3 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-403H5G3 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-403H5G3 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206B8-403H5G3 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ref.CE-P3124 04/15
2. Performance Characteristics
2-1. Electro Optical Characteristics
2-2. Absolute Maximum Ratings
Symbol
Rating
Pi
61.3
*1
If
1380
*1
If min
30
Ir
1
Top
-40 ~ +100
Tst
-40 ~ +100
Tc
105
*2
Tj
140
*3
Absolute Maximum Ratings
*1. Input power and forward current are the values when the LED is used within the range of the derating
characteristics in this data sheet.
*2. Refer to 3. Outline drawing for Tc measurement point.
Parameter
Input Power (W)
Forward Current (mA)
Minimum Current (mA)
Reverse Current (mA)
*3. D.C. Current : Tj = Tc + Rj-c x Pi
Storage Temperature (C)
Case Temperature (C)
Junction Temperature (C)
Operating Temperature (C)
3
( Tj=85C )
Ra
R9
Tc=25C*
Min.
Min.
Min.
Typ.
Typ.
Typ.
Min.
Typ.
Max.
CLU720-1206B8-273H5G3
2700K
90
50
2,772
3,150
3,339
80
1,050
34.5
37.6
40.6
0.92
CLU720-1206B8-303H5G3
3000K
90
50
2,936
3,337
3,537
85
1,050
34.5
37.6
40.6
0.92
CLU720-1206B8-353H5G3
3500K
90
50
3,005
3,415
3,620
86
1,050
34.5
37.6
40.6
0.92
CLU720-1206B8-403H5G3
4000K
90
50
3,067
3,486
3,695
88
1,050
34.5
37.6
40.6
0.92
Notes :
1. Citizen Electronics maintains forward voltage +/-3%, luminous flux +/-10%,Ra and R9 +/-1.
*Values of Luminous flux at Tc=25C are provided as reference only.
Thermal
Resistance
Rj-c
( C/W )
Tj=85C
Electro Optical Characteristics
Efficacy
( lm/W )
CRI
Product code
Nominal
CCT
Luminous flux
( lm )
Forward
Current
( mA )
Voltage
( V )


Similar Part No. - CLU720-1206B8-403H5G3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
590Kb / 14P
   High intensity Type
CLU720-1206C1-27GV1J9 CITIZEN-CLU720-1206C1-27GV1J9 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1-27GV1J9 CITIZEN-CLU720-1206C1-27GV1J9 Datasheet
590Kb / 14P
   High intensity Type
CLU720-1206C1-31GV1J8 CITIZEN-CLU720-1206C1-31GV1J8 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
More results

Similar Description - CLU720-1206B8-403H5G3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU710-1204B8 CITIZEN-CLU710-1204B8 Datasheet
746Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU730-1210B8 CITIZEN-CLU730-1210B8 Datasheet
731Kb / 15P
   CITILED COB Series High intensity High CRI Type
CLU700-1002B8 CITIZEN-CLU700-1002B8 Datasheet
747Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU711-1204C4 CITIZEN-CLU711-1204C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-0304C4 CITIZEN-CLU701-0304C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU701-0303C4 CITIZEN-CLU701-0303C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU731-1210C4 CITIZEN-CLU731-1210C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU721-1206C4 CITIZEN-CLU721-1206C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-1002C4 CITIZEN-CLU701-1002C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com