Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS8922A Datasheet(PDF) 9 Page - Advanced Power Electronics Corp.

Part # APS8922A
Description  ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APS8922A Datasheet(HTML) 9 Page - Advanced Power Electronics Corp.

Back Button APS8922A Datasheet HTML 4Page - Advanced Power Electronics Corp. APS8922A Datasheet HTML 5Page - Advanced Power Electronics Corp. APS8922A Datasheet HTML 6Page - Advanced Power Electronics Corp. APS8922A Datasheet HTML 7Page - Advanced Power Electronics Corp. APS8922A Datasheet HTML 8Page - Advanced Power Electronics Corp. APS8922A Datasheet HTML 9Page - Advanced Power Electronics Corp. APS8922A Datasheet HTML 10Page - Advanced Power Electronics Corp. APS8922A Datasheet HTML 11Page - Advanced Power Electronics Corp. APS8922A Datasheet HTML 12Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
A
E
TYPICA
Fig.19 Qu
0
40
80
120
160
-40
-
Advanc
Electron
AL PERFO
iescent Curr
-20
0
20
Te
ced Pow
nics Co
ORMANC
rent (VBIAS)
40
60
emperature (
℃)
VB
VB
wer
orp.
CE CHAR
vs. Tempera
80
100
BIAS=VIN=VON=5V
BIAS=VIN=VON=3.3
RACTER
ature
Fig
120
3V
2
3
4
ISTICS (C
g.20 Quies
0
10
20
30
40
-40
-20
Continued
scent Current
020
4
Tempera
APS
d)
t (VIN) vs. Te
4060
80
ature (
℃)
VBIAS=VI
VBIAS=VI
9
S8922A
emperature
100
120
IN=VON=5V
IN=VON=3.3V
9
.


Similar Part No. - APS8922A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
APS TEC-APS Datasheet
1Mb / 2P
   High Current 3-Phase Power Line Filters
logo
United Chemi-Con, Inc.
APS-100ESS271MHB5S CHEMI-CON-APS-100ESS271MHB5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-100ESS471MJC5S CHEMI-CON-APS-100ESS471MJC5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
United Chemi-Con, Inc.
APS-160ELL181 CHEMI-CON-APS-160ELL181 Datasheet
47Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APS8922A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com