Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMLJ64A Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part # 5.0SMLJ64A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

5.0SMLJ64A Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  5.0SMLJ64A Datasheet HTML 1Page - MDE Semiconductor, Inc. 5.0SMLJ64A Datasheet HTML 2Page - MDE Semiconductor, Inc. 5.0SMLJ64A Datasheet HTML 3Page - MDE Semiconductor, Inc. 5.0SMLJ64A Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5000 Watt Surface Mount TVS
UNI
BI
5.0SMLJ12A
5.0SMLJ12CA
5PEP 5BEP
12.00
13.30
14.70
1
19.9
252.0
2
5.0SMLJ13A
5.0SMLJ13CA
5PEQ 5BEQ
13.00
14.40
15.90
1
21.5
233.0
2
5.0SMLJ14A
5.0SMLJ14CA
5PER 5BER
14.00
15.60
17.20
1
23.2
216.0
2
5.0SMLJ15A
5.0SMLJ15CA
5PES 5BES
15.00
16.70
18.50
1
24.4
205.0
2
5.0SMLJ16A
5.0SMLJ16CA
5PET 5BET
16.00
17.80
19.70
1
26.0
193.0
2
5.0SMLJ17A
5.0SMLJ17CA
5PEU 5BEU
17.00
18.90
20.90
1
27.6
181.0
2
5.0SMLJ18A
5.0SMLJ18CA
5PFV 5BFV
18.00
20.00
22.10
1
29.2
172.0
2
5.0SMLJ20A
5.0SMLJ20CA
5PEW 5BEW
20.00
22.20
24.50
1
32.4
155.0
2
5.0SMLJ22A
5.0SMLJ22CA
5PEX 5BEX
22.00
24.40
26.90
1
35.5
141.0
2
5.0SMLJ24A
5.0SMLJ24CA
5PEZ 5BEZ
24.00
26.70
29.50
1
38.9
129.0
2
5.0SMLJ26A
5.0SMLJ26CA
5PFE 5BFE
26.00
28.90
31.90
1
42.1
119.0
2
5.0SMLJ28A
5.0SMLJ28CA
5PFG 5BFG
28.00
31.10
34.40
1
45.4
110.0
2
5.0SMLJ30A
5.0SMLJ30CA
5PFK 5BFK
30.00
33.30
36.80
1
48.4
103.0
2
5.0SMLJ33A
5.0SMLJ33CA
5PFM 5BFM
33.00
36.70
40.60
1
53.3
93.9
2
5.0SMLJ36A
5.0SMLJ36CA
5PFP 5BFP
36.00
40.00
44.20
1
58.1
86.1
2
5.0SMLJ40A
5.0SMLJ40CA
5PFR 5BFR
40.00
44.40
49.10
1
64.5
77.6
2
5.0SMLJ43A
5.0SMLJ43CA
5PFT 5BFT
43.00
47.80
52.80
1
69.4
72.1
2
5.0SMLJ45A
5.0SMLJ45CA
5PFV 5BFV
45.00
50.00
55.30
1
72.7
68.8
2
5.0SMLJ48A
5PFX
48.00
53.30
58.90
1
77.4
64.7
2
5.0SMLJ51A
5PFZ
51.00
56.70
62.70
1
82.4
60.7
2
5.0SMLJ54A
5PGE
54.00
60.00
66.30
1
87.1
57.5
2
5.0SMLJ58A
5PGG
58.00
64.40
71.20
1
93.6
53.5
2
5.0SMLJ60A
5PGK
60.00
66.70
73.70
1
96.8
51.7
2
5.0SMLJ64A
5PGM
64.00
71.10
78.60
1
103.0
48.6
2
5.0SMLJ70A
5PGP
70.00
77.80
86.00
1
113.0
44.3
2
5.0SMLJ75A
5PGR
75.00
83.30
92.10
1
121.0
41.4
2
5.0SMLJ78A
5PGT
78.00
86.70
95.80
1
126.0
39.7
2
5.0SMLJ85A
5PGV
85.00
94.40
104.00
1
137.0
36.5
2
5.0SMLJ90A
5PGX
90.00
100.00
111.00
1
146.0
34.3
2
5.0SMLJ100A
5PGZ
100.00
111.00
123.00
1
162.0
30.9
2
5.0SMLJ110A
5PHE
110.00
122.00
135.00
1
177.0
28.3
2
5.0SMLJ120A
5PHG
120.00
133.00
147.00
1
193.0
26.0
2
5.0SMLJ130A
5PHK
130.00
144.00
159.00
1
209.0
24.0
2
5.0SMLJ150A
5PHM
150.00
167.00
185.00
1
243.0
20.6
2
5.0SMLJ160A
5PHP
160.00
178.00
197.00
1
259.0
19.3
2
5.0SMLJ170A
5PHR
170.00
189.00
209.00
1
275.0
18.2
2
For bidirectional type having Vrwm of 20 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
3/10/2016


Similar Part No. - 5.0SMLJ64A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
5.0SMLJ64A MCC-5.0SMLJ64A Datasheet
83Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ64A MCC-5.0SMLJ64A Datasheet
137Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ64A MCC-5.0SMLJ64A Datasheet
1Mb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ64A MCC-5.0SMLJ64A Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
5.0SMLJ64A MCC-5.0SMLJ64A Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
More results

Similar Description - 5.0SMLJ64A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com