Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5-5 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # A5-5
Description  AVAILABLE IN SURFACE MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A5-5 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  A5-5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A5-5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A5-5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Amplifier
5 to 500 MHz
Rev. V2
A5-5 / SMA5-5
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Outline Drawing: TO-8 *
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount *
Outline Drawing: SMA Connectorized *
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Similar Part No. - A5-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A5-5 MACOM-A5-5 Datasheet
353Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A5-5 MA-COM-A5-5 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A5-5-SMA5-5 MA-COM-A5-5-SMA5-5 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A5-5

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A55 MA-COM-A55_15 Datasheet
606Kb / 3P
   AVAILABLE IN SURFACE MOUNT
logo
E&E Magnetic Products L...
831-00181F EEMAGNETIC-831-00181F Datasheet
97Kb / 2P
   Available in vertical mount
831-00183F EEMAGNETIC-831-00183F Datasheet
97Kb / 2P
   Available in vertical mount
831-00177F EEMAGNETIC-831-00177F Datasheet
97Kb / 2P
   Available in vertical mount
logo
List of Unclassifed Man...
M28 ETC2-M28 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
M38 ETC2-M38 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450 Datasheet
1Mb / 11P
   Burn-in available
logo
Advanced Photonix, Inc.
PDI-C172SMF ADVANCEDPHOTONIX-PDI-C172SMF Datasheet
93Kb / 1P
   Photodiode in Plastic Surface Mount
PDV-C173SM ADVANCEDPHOTONIX-PDV-C173SM Datasheet
93Kb / 1P
   Photodiode in Plastic Surface Mount
logo
Luna Innovations Incorp...
PDB-C150SM LUNA-PDB-C150SM Datasheet
189Kb / 2P
   Photodiode in Plastic Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com