Electronic Components Datasheet Search |
|
SMLJ120CA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc. |
|
SMLJ120CA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc. |
1 / 3 page 11/13/2013 FEATURES • For surface mounted applications in order to optimize board space • Low profile package • Built-in strain relief • Glass passivated junction • Low inductance • Excellent clamping capability • Repetition rate (duty cycle):0.01% • Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types • Typical IR less than 1µA above 10V • High temperature soldering: 250°C/10 seconds at terminals • Plastic package has Underwriters Laboratory Flammability Classification 94 V-O MECHANICAL DATA Case: JEDEC DO214AB. Molded plastic over glass passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bidirectional Standard Packaging: 12mm tape (EIA STD RS-481) Weight: 0.007 ounces, 0.21 grams) Ratings at 25°C ambient temperature unless otherwise specified. RATING SYMBOL VALUE UNITS Peak Pulse Power Dissipation on 10/1000 µs waveform (NOTE 1, 2, Fig.1) IPPM SEE TABLE 1 Amps Superimposed on Rated Load, (JEDEC Method)(Note2, 3) Operatings and Storage Temperature Range TJ, TSTG -55 +150 °C NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2. 2. Mounted on Copper Pad area of 8.0mm x 8.0mm (20x20mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026 DEVICES FOR BIPOLAR APPLICATIONS MAXIMUM RATINGS AND CHARACTERISTICS For Bidirectional use C or CA Suffix for types SMLJ5.0 thru types SMLJ170 (e.g. SMLJ5.0C, SMLJ170CA) Electrical characteristics apply in both directions. P PPM Minimum 3000 Watts Peak Pulse Current of on 10/1000 µs waveform (Note 1,Fig 3) IFSM 300 Amps Peak Forward Surge Current, 8.3ms Single Half Sine-wave SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power MDE Semiconductor, Inc. 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com SMLJ SERIES 78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414 DO-214AB (SMC J-Bend) 0.245 (6.22) 0.220 (5.59) 0.126 (3.20) 0.114 (2.90) 0.280 (7.11) 0.260 (6.60) Cathode Band 0.103 (2.62) 0.079 (2.06) 0.320 (8.13) 0.305 (7.75) 0.060 (1.52) 0.030 (0.76) Dimensions in inches and(millimeters) 0.012 (0.305) 0.006 (0.152) 0.008 (0.203) MAX. |
Similar Part No. - SMLJ120CA |
|
Similar Description - SMLJ120CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |