Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24259RGER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24259RGER
Description  Controlled 2A Single Cell USB Charger
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24259RGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24259RGER Datasheet HTML 2Page - Texas Instruments BQ24259RGER Datasheet HTML 3Page - Texas Instruments BQ24259RGER Datasheet HTML 4Page - Texas Instruments BQ24259RGER Datasheet HTML 5Page - Texas Instruments BQ24259RGER Datasheet HTML 6Page - Texas Instruments BQ24259RGER Datasheet HTML 7Page - Texas Instruments BQ24259RGER Datasheet HTML 8Page - Texas Instruments BQ24259RGER Datasheet HTML 9Page - Texas Instruments BQ24259RGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
bq24259
SLUSCF0A – NOVEMBER 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: bq24259
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BTST or SW pins. A tight
layout minimizes switching noise.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
Input voltage
3.9
6.2(1)
V
ISYS
Output current (SYS)
3.5
A
VBAT
Battery voltage
4.4
V
IBAT
Fast charging current
2
A
Discharging current with internal MOSFET
5.5
A
TA
Operating free-air temperature range
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
7.4 Thermal Information
THERMAL METRIC(1)
bq24259
UNIT
RGE (VQFN)
24 PIN
RθJA
Junction-to-ambient thermal resistance
32.2
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
29.8
RθJB
Junction-to-board thermal resistance
9.1
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
9.1
RθJCbot
Junction-to-case (bottom) thermal resistance
2.2
7.5 Electrical Characteristics
V(VBUS_UVLOZ) < V(VBUS) < V(ACOV) and V(VBUS) > V(BAT) + V(SLEEP), TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENTS
I(BAT)
Battery discharge current (BAT, SW, SYS)
V(VBUS) < V(UVLO), V(BAT) = 4.2 V, leakage between BAT
and VBUS
5
µA
High-Z Mode, or no VBUS, BATFET disabled
(REG07[5] = 1), –40°C – 85°C
16
20
µA
High-Z Mode, or no VBUS, BATFET enabled
(REG07[5] = 0), –40°C – 85°C
32
55
µA
I(VBUS)
Input supply current (VBUS)
V(VBUS) = 5 V, High-Z mode, No battery
15
30
µA
V(VBUS) > V(UVLO), V(VBUS) > V(BAT), converter not
switching
1.5
3
mA
V(VBUS) > V(UVLO), V(VBUS) > V(BAT), converter switching,
V(BAT) = 3.2 V, ISYS = 0 A
4
mA
V(VBUS) > V(UVLO), V(VBUS) > V(BAT), converter switching,
charge disable, V(BAT) = 3.8 V, ISYS = 100 µA
3.5
mA
I(BOOST)
Battery discharge current in boost mode
V(BAT) = 4.2 V, Boost mode, I(VBUS) = 0 A, converter
switching
3.5
mA
VBUS/BAT POWER UP
V(VBUS_OP)
VBUS operating voltage
3.9
6.2
V
V(VBUS_UVLOZ)
VBUS for active I2C, no battery
V(VBUS) rising
3.6
V
V(SLEEP)
Sleep mode falling threshold
V(VBUS) falling, V(VBUS-VBAT)
35
80
120
mV
V(SLEEPZ)
Sleep mode rising threshold
V(VBUS) rising, V(VBUS-VBAT)
170
250
350
mV
V(ACOV)
VBUS over-voltage rising threshold
V(VBUS) rising
6.2
6.6
V
V(ACOV_HYST)
VBUS over-voltage falling hysteresis
V(VBUS) falling
250
mV
V(BAT_UVLOZ)
Battery for active I2C, no VBUS
V(BAT) rising
2.3
V
V(BAT_DPL)
Battery depletion threshold
V(BAT) falling
2.4
2.6
V
V(BAT_DPL_HY)
Battery depletion rising hysteresis
V(BAT) rising
200
mV


Similar Part No. - BQ24259RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results

Similar Description - BQ24259RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com