Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24259RGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24259RGET
Description  Controlled 2A Single Cell USB Charger
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24259RGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24259RGET Datasheet HTML 3Page - Texas Instruments BQ24259RGET Datasheet HTML 4Page - Texas Instruments BQ24259RGET Datasheet HTML 5Page - Texas Instruments BQ24259RGET Datasheet HTML 6Page - Texas Instruments BQ24259RGET Datasheet HTML 7Page - Texas Instruments BQ24259RGET Datasheet HTML 8Page - Texas Instruments BQ24259RGET Datasheet HTML 9Page - Texas Instruments BQ24259RGET Datasheet HTML 10Page - Texas Instruments BQ24259RGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
bq24259
www.ti.com
SLUSCF0A – NOVEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: bq24259
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
V(VBUS_UVLOZ) < V(VBUS) < V(ACOV) and V(VBUS) > V(BAT) + V(SLEEP), TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(VBUSMIN)
Bad adapter detection threshold
V(VBUS) falling
3.8
V
I(BADSRC)
Bad adapter detection current source
30
mA
POWER PATH MANAGEMENT
V(SYS_MAX)
Maximum DC system voltage output
BATFET (Q4) off, V(BAT) up to 4.35 V
4.43
V
V(SYS_MIN)
Minimum DC system voltage output
REG01[3:1] = 101, V(SYS_MIN) = 3.5 V
3.5
3.65
V
RON(RBFET)
Top reverse blocking MOSFET on-
resistance between VBUS and PMIID
35
48
m
Ω
RON(HSFET)
Internal top switching MOSFET on-
resistance between PMID and SW
TJ = –40°C – 85°C
45
57
m
Ω
TJ = -40°C – 125°C
45
65
RON(LSFET)
Internal bottom switching MOSFET on-
resistance between SW and PGND
TJ = –40°C – 85°C
67
88
m
Ω
TJ = -40°C – 125°C
67
98
V(FWD)
BATFET forward voltage in supplement
mode
BAT discharge current 10 mA
30
mV
V(SYS_BAT)
SYS/BAT comparator
V(BAT) < V(SYS_MIN) , V(SYS) falling
80
mV
V(BAT) > V(SYS_MIN) , V(SYS) falling
180
mV
V(BATGD)
Battery good comparator rising threshold
V(BAT) rising
3.55
V
V(BATGD_HYST)
Battery good comparator falling threshold
V(BAT) falling
100
mV
BATTERY CHARGER
V(BAT_REG_ACC)
Charge voltage regulation accuracy
V(BAT) = 4.112 V and 4.208 V
–0.5%
0.5%
I(ICHG_REG_ACC)
Fast charge current regulation accuracy
V(BAT) = 3.8 V, I(CHG) = 1024 mA, TJ = 25°C
-4%
4%
V(BAT) = 3.8 V, I(CHG) = 1024 mA, TJ = -20°C – 125°C
-7%
7%
V(BAT) = 3.8 V, ICHG = 1792 mA, TJ = -20°C – 125°C
–10%
10%
I(CHG)
Charge current with 20% option on
V(BAT) = 3.1 V, I(CHG) = 104 mA, REG02 = 03 and
REG02[0] = 1
75
175
mA
V(BATLOWV)
Battery LOWV falling threshold
Fast charge to precharge, REG04[1] = 1
2.6
2.8
2.9
V
V(BATLOWV_HYST)
Battery LOWV rising threshold
Precharge to fast charge, REG04[1] = 1
(Typical 200-mV hysteresis)
2.8
3
3.1
V
I(PRECHG_ACC)
Precharge current regulation accuracy
V(BAT) = 2.6 V, I(CHG) = 256 mA
–20%
20%
I(TYP_TERM_ACC)
Typical termination current
I(TERM) = 256 mA, I(CHG) = 2048 mA
265
mA
I(TERM_ACC)
Termination current accuracy
I(TERM) = 256 mA, I(CHG) = 2048 mA
–22.5%
22.5%
V(SHORT)
Battery short voltage
V(BAT) falling
2.0
V
V(SHORT_HYST)
Battery Short Voltage hysteresis
V(BAT) rising
200
mV
I(SHORT)
Battery short current
V(BAT) < 2.2 V
100
mA
V(RECHG)
Recharge threshold below VBAT_REG
V(BAT) falling, REG04[0] = 0
100
mV
t(RECHG)
Recharge deglitch time
V(BAT) falling, REG04[0] = 0
20
ms
RON(BATFET)
SYS-BAT MOSFET on-resistance
TJ = 25°C
24
28
m
Ω
TJ = –40°C – 125°C
24
35
INPUT VOLTAGE/CURRENT REGULATION
V(INDPM_REG_ACC)
Input voltage regulation accuracy
-2%
2%
I(USB_DPM)
USB Input current regulation limit, V(BUS) =
5 V, current pulled from SW
USB100
85
100
mA
USB150
125
150
mA
USB500
440
500
mA
USB900
750
900
mA
I(ADPT_DPM)
Input current regulation accuracy
I(ADP) = 1.5 A, REG00[2:0] = 101
1.3
1.5
A
IIN(START)
Input current limit during system start up
V(SYS) < 2.2 V
100
mA
KILIM
IIN = KILIM/RILIM
IIN(DPM) = 1.5 A
395
435
475
A x
Ω
BAT OVERVOLTAGE PROTECTION
V(BATOVP)
Battery overvoltage threshold
V(BAT) rising, as percentage of V(BAT_REG)
104%
V(BATOVP_HYST)
Battery overvoltage hysteresis
V(BAT) falling, as percentage of V(BAT_REG)
2%
tBATOVP
Battery overvoltage deglitch time to
disable charge
1
µs


Similar Part No. - BQ24259RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results

Similar Description - BQ24259RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com