Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24259RGET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24259RGET
Description  Controlled 2A Single Cell USB Charger
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24259RGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24259RGET Datasheet HTML 6Page - Texas Instruments BQ24259RGET Datasheet HTML 7Page - Texas Instruments BQ24259RGET Datasheet HTML 8Page - Texas Instruments BQ24259RGET Datasheet HTML 9Page - Texas Instruments BQ24259RGET Datasheet HTML 10Page - Texas Instruments BQ24259RGET Datasheet HTML 11Page - Texas Instruments BQ24259RGET Datasheet HTML 12Page - Texas Instruments BQ24259RGET Datasheet HTML 13Page - Texas Instruments BQ24259RGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
bq24259
SLUSCF0A – NOVEMBER 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: bq24259
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
VBUS/BAT POWER UP
tBADSRC
Bad source detection duration
30
ms
BOOST MODE OPERATION
tOTG_OCP_OFF
OTG mode over-current protection off cycle time
32
ms
tOTG_OCP_ON
OTG mode over-current protection on cycle time
260
µs
QON TIMING
tQON
QON pin high time to turn on BATFET
2
ms
DIGITAL CLOCK AND WATCHDOG TIMER
tWDT
REG05[5:4] = 11
REGN LDO disabled
112
160
s
REGN LDO enabled
136
160
Figure 1. I2C-Compatible Interface Timing Diagram
7.7 Typical Characteristics
Table 1. Table of Figures
FIGURE
Charging Efficiency vs Charging Current (DCR = 10 m
Ω)
Figure 2
System Efficiency vs System Load Current (DCR = 10 m
Ω)
Figure 3
Boost Mode Efficiency vs V(BUS) Load Current (DCR = 10 mΩ)
Figure 4
SYS Voltage Regulation vs System Load Current
Figure 5
Boost Mode VBUS Voltage Regulation (Typical Output = 4.998 V, REG06[7:4] = 0111) vs VBUS Load Current
Figure 6
SYS Voltage vs Temperature
Figure 7
BAT Voltage vs Temperature
Figure 8
Input Current Limit vs Temperature
Figure 9
Charge Current vs Package Temperature
Figure 10


Similar Part No. - BQ24259RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results

Similar Description - BQ24259RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com