Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27742-G1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27742-G1
Description  Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27742-G1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ27742-G1 Datasheet HTML 6Page - Texas Instruments BQ27742-G1 Datasheet HTML 7Page - Texas Instruments BQ27742-G1 Datasheet HTML 8Page - Texas Instruments BQ27742-G1 Datasheet HTML 9Page - Texas Instruments BQ27742-G1 Datasheet HTML 10Page - Texas Instruments BQ27742-G1 Datasheet HTML 11Page - Texas Instruments BQ27742-G1 Datasheet HTML 12Page - Texas Instruments BQ27742-G1 Datasheet HTML 13Page - Texas Instruments BQ27742-G1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
bq27742-G1
SLUSBV9C – MARCH 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: bq27742-G1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.13 Short-Circuit in Discharge (SCD)
TA = 25°C, CREG25 = 1.0 µF, and VVPWR = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSCD
SCD detection voltage
threshold
TA = 25°C
VSRN – VSRP
VSCD – 3
VSCD
VSCD + 3
mV
TA = –20°C to 60°C
VSRN – VSRP
0.98 * VSCD
3.125
VSCD
1.02 * VSCD +
3.125
TA = –40°C to 85°C
VSRN – VSRP
0.98 * VSCD
3.5
VSCD
1.02 * VSCD +
3.5
tSCD
SCD delay time
TA = –40°C to 85°C
tSCD – 30%
tSCD
tSCD + 30%
µs
6.14 Low Voltage Charging
TA = 25°C, CREG25 = 1.0 µF, and VVPWR = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLVDET
Voltage threshold for low-voltage charging
detection
TA = –40°C to 85°C
1.4
1.55
1.7
V
6.15 Internal Temperature Sensor Characteristics
TA = –40°C to 85°C, 2.4 V < VREG25 < 2.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G(TEMP)
Temperature sensor voltage gain
–2
mV/°C
(1)
The frequency error is measured from 2.097 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VREG25 = 2.5 V, TA = 25°C.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3% of the typical oscillator frequency.
6.16 High-Frequency Oscillator
2.4 V < VREG25 < 2.6 V; typical values at TA = 25°C and VREG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operating frequency
8.389
MHz
fEIO
Frequency error(1) (2)
TA = 0°C to 60°C
–2.0%
0.38%
2.0%
TA = –20°C to 70°C
–3.0%
0.38%
3.0%
TA = –40°C to 85°C
-4.5%
0.38%
4.5%
tSXO
Start-up time(3)
TA = –40°C to 85°C
2.5
5
ms
(1)
The frequency drift is included and measured from the trimmed frequency at VREG25 = 2.5 V, TA = 25°C.
(2)
The frequency error is measured from 32.768 kHz.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3% of the typical oscillator frequency.
6.17 Low-Frequency Oscillator
2.4 V < VREG25 < 2.6 V; typical values at TA = 25°C and VREG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(LOSC)
Operating frequency
32.768
kHz
f(LEIO)
Frequency error(1) (2)
TA = 0°C to 60°C
–1.5%
0.25%
1.5%
TA = –20°C to 70°C
–2.5%
0.25%
2.5%
TA = –40°C to 85°C
-4.0%
0.25%
4.0%
t(LSXO)
Start-up time(3)
TA = –40°C to 85°C
500
μs


Similar Part No. - BQ27742-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI-BQ27741-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFT-G1 TI-BQ27741YZFT-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27742-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27743 TI1-BQ27743 Datasheet
624Kb / 42P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com