Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27621YZFT-G1A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27621YZFT-G1A
Description  System-Side Fuel Gauge With Dynamic Voltage Correlation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27621YZFT-G1A Datasheet(HTML) 5 Page - Texas Instruments

  BQ27621YZFT-G1A Datasheet HTML 1Page - Texas Instruments BQ27621YZFT-G1A Datasheet HTML 2Page - Texas Instruments BQ27621YZFT-G1A Datasheet HTML 3Page - Texas Instruments BQ27621YZFT-G1A Datasheet HTML 4Page - Texas Instruments BQ27621YZFT-G1A Datasheet HTML 5Page - Texas Instruments BQ27621YZFT-G1A Datasheet HTML 6Page - Texas Instruments BQ27621YZFT-G1A Datasheet HTML 7Page - Texas Instruments BQ27621YZFT-G1A Datasheet HTML 8Page - Texas Instruments BQ27621YZFT-G1A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
bq27621-G1
www.ti.com
SLUSBB3E – DECEMBER 2013 – REVISED JANUARY 2016
Supply Current (continued)
TA = 30°C and VREGIN = VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IHIB
(1)
HIBERNATE mode current
ILOAD < Hibernate Current
9
μA
Fuel gauge in host commanded
ISD
(1)
SHUTDOWN mode current
SHUTDOWN mode.
0.6
μA
(LDO Regulator Output Disabled)
7.6 Digital Input and Output DC Characteristics
TA = –40°C to 85°C, typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted)(Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH(OD)
Input voltage, high (2)
External pullup resistor to VPU
VPU × 0.7
V
VIL
Input voltage, low (2) (3)
0.6
V
VOL
Output voltage, low (2)
0.6
V
IOH
Output source current, high (2)
0.5
mA
IOL(OD)
Output sink current, low (2)
–3
mA
CIN
(1)
Input capacitance (2) (3)
5
pF
Input leakage current
0.1
(SCL, SDA, BIN)
Ilkg
μA
Input leakage current (GPOUT)
1
(1)
Specified by design. Not production tested.
(2)
Open drain pins: (SCL, SDA, GPOUT)
(3)
Push-pull pin: (BIN)
7.7 LDO Regulator, Wake-up, and Auto-Shutdown DC Characteristics
TA = –40°C to 85°C, typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted)(Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT
BAT pin regulator input
2.45
4.5
V
VDD
Regulator output voltage
1.8
V
VBAT Undervoltage Lock Out
UVLOIT+
2
V
LDO Wake-Up Rising Threshold
VBAT Undervoltage Lock Out
UVLOIT–
LDO Auto-Shutdown Falling
1.95
V
Threshold
(1)
Specified by design. Not production tested.
7.8 ADC (Temperature and Cell Measurement) Characteristics
TA = –40°C to 85°C; typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted) (Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(BAT)
BAT pin voltage measurement
Voltage divider enabled.
2.45
4.5
V
range.
tADC_CONV
Conversion time
125
ms
Effective Resolution
15
bits
(1)
Specified by design. Not tested in production.
7.9 I
2C-Compatible Interface Communication Timing Characteristics
TA = –40°C to 85°C; typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted) (Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Standard Mode (100 kHz)
td(STA)
Start to first falling edge of SCL
4
µs
(1)
Specified by design. Not production tested.
Copyright © 2013–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq27621-G1


Similar Part No. - BQ27621YZFT-G1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27621YZFT-G1A TI1-BQ27621YZFT-G1A Datasheet
833Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Dynamic Voltage Correlation
More results

Similar Description - BQ27621YZFT-G1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27621-G1 TI1-BQ27621-G1 Datasheet
833Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Dynamic Voltage Correlation
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com