Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243EH Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3243EH
Description  High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243EH Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3243EH Datasheet HTML 5Page - Sipex Corporation SP3243EH Datasheet HTML 6Page - Sipex Corporation SP3243EH Datasheet HTML 7Page - Sipex Corporation SP3243EH Datasheet HTML 8Page - Sipex Corporation SP3243EH Datasheet HTML 9Page - Sipex Corporation SP3243EH Datasheet HTML 10Page - Sipex Corporation SP3243EH Datasheet HTML 11Page - Sipex Corporation SP3243EH Datasheet HTML 12Page - Sipex Corporation SP3243EH Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SP3223EHDS/11
SP3223EH +3.0V to +5.5V RS-232 Transceivers
© Copyright 2000 Sipex Corporation
9
Figure 10. SP3243EH Typical Operating Circuit
SP3243EH
28
24
2
1
27
3
26
5K
5K
5K
5K
5K
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
14
13
12
20
19
18
17
16
15
0.1
µF
0.1
µF
0.1
µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1
µF
0.1
µF
9
10
11
4
5
6
7
8
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
To
µP Supervisor
Circuit
23
22
21
VCC
VCC
25
T
1IN
R
1OUT
R
1IN
T
2OUT
R
2OUT
T
2IN
T
3IN
T
3OUT
T
1OUT
R
2IN
R
3IN
R
4IN
R
5IN
R
2OUT
R
3OUT
R
4OUT
R
5OUT
ONLINE
SHUTDOWN
STATUS


Similar Part No. - SP3243EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3243EHCA SIPEX-SP3243EHCA Datasheet
230Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3243EHCA-L EXAR-SP3243EHCA-L Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EHCA-L EXAR-SP3243EHCA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EHCA-L EXAR-SP3243EHCA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EHCA-L/TR EXAR-SP3243EHCA-L/TR Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223EU SIPEX-SP3223EU Datasheet
178Kb / 25P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223H SIPEX-SP3223H Datasheet
164Kb / 23P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223U SIPEX-SP3223U Datasheet
288Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EH SIPEX-SP3223EH Datasheet
230Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com