Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ296114DSGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ296114DSGR
Description  Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ296114DSGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ296114DSGR Datasheet HTML 7Page - Texas Instruments BQ296114DSGR Datasheet HTML 8Page - Texas Instruments BQ296114DSGR Datasheet HTML 9Page - Texas Instruments BQ296114DSGR Datasheet HTML 10Page - Texas Instruments BQ296114DSGR Datasheet HTML 11Page - Texas Instruments BQ296114DSGR Datasheet HTML 12Page - Texas Instruments BQ296114DSGR Datasheet HTML 13Page - Texas Instruments BQ296114DSGR Datasheet HTML 14Page - Texas Instruments BQ296114DSGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
OUT
V3
V2
V1
VSS
VDD
REG
PACK+
PACK±
RIN
C IN
RIN
C IN
RIN
C IN
CVD
R VD
V OV
8
9
1
3
4
5
6
PWPD
Enable
Active
Delay Charging/
Discharge circuit
Delay
Timer
+
-
Vref
+
-
Amp
Comp
UVP_Vref
Programmable
setting
V4
RIN
C IN
2
REG_EN
REG_EN
7
11
bq2961
www.ti.com
SLUSBU5A – MAY 2015 – REVISED JANUARY 2016
Product Folder Links: bq2961
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Functional Block Diagram (continued)
Figure 10. bq2961xy Block Diagram
9.3 Feature Description
9.3.1 Pin Details
9.3.1.1 Input Sense Voltage, Vx
These inputs sense each battery cell voltage. A series resistor and a capacitor across the cell for each input is
required for noise filtering and stable voltage monitoring.
9.3.1.2 Output Drive, OUT
This terminal serves as the fault signal output in Active High.
9.3.1.3 Supply Input, VDD
This terminal is the unregulated input power source for the device. A series resistor is connected to limit the
current, and a capacitor is connected to ground for noise filtering.
9.3.1.4 Regulated Supply Output, REG
This terminal is connected to an external capacitor and provides a regulated supply to power a circuit such as a
Real Time Clock integrated circuit, or functions requiring a well-regulated supply. Maximum current load on this
pin cannot exceed 1 mA.


Similar Part No. - BQ296114DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ296114DSGR TI1-BQ296114DSGR Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296114DSGR TI1-BQ296114DSGR Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296114DSGR TI1-BQ296114DSGR Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296114DSGR TI1-BQ296114DSGR Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296114DSGR TI1-BQ296114DSGR Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
More results

Similar Description - BQ296114DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com