Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2734ZQMKE Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2734ZQMKE
Description  Thin SOT 1-A Load Step-Down DC-DC Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734ZQMKE Datasheet(HTML) 3 Page - Texas Instruments

  LM2734ZQMKE Datasheet HTML 1Page - Texas Instruments LM2734ZQMKE Datasheet HTML 2Page - Texas Instruments LM2734ZQMKE Datasheet HTML 3Page - Texas Instruments LM2734ZQMKE Datasheet HTML 4Page - Texas Instruments LM2734ZQMKE Datasheet HTML 5Page - Texas Instruments LM2734ZQMKE Datasheet HTML 6Page - Texas Instruments LM2734ZQMKE Datasheet HTML 7Page - Texas Instruments LM2734ZQMKE Datasheet HTML 8Page - Texas Instruments LM2734ZQMKE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
2
3
6
5
4
BOOST
GND
FB
SW
VIN
EN
DAP
5
4
6
3
2
1
BOOST
GND
FB
EN
VIN
SW
LM2734Z, LM2734Z-Q1
www.ti.com
SNVS334F – JANUARY 2005 – REVISED JANUARY 2016
5 Pin Configuration and Functions
DDC Package
6-Pin SOT
Top View
NGG Package
6-Pin WSON
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
SOT
WSON
Boost voltage that drives the internal NMOS control switch. A bootstrap
BOOST
1
3
I
capacitor is connected between the BOOST and SW pins.
DAP
P
The die attach pad is internally connected to GND.
Enable control input. Logic high enables operation. Do not allow this pin to float
EN
4
6
I
or be greater than VIN + 0.3 V.
FB
3
1
I
Feedback pin. Connect FB to the external resistor divider to set output voltage.
Signal and Power ground pin. Place the bottom resistor of the feedback network
GND
2
2
P
as close as possible to this pin for accurate regulation.
SW
6
4
O
Output switch. Connects to the inductor, catch diode, and bootstrap capacitor.
VIN
5
5
P
Input supply voltage. Connect a bypass capacitor to this pin.
(1)
I –Input, O – Output, P – Power
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2734Z LM2734Z-Q1


Similar Part No. - LM2734ZQMKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734ZQ TI1-LM2734ZQ Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results

Similar Description - LM2734ZQMKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com