Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1771USD Datasheet(PDF) 1 Page - Texas Instruments

Part # LM1771USD
Description  Low-Voltage Synchronous Buck Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1771USD Datasheet(HTML) 1 Page - Texas Instruments

  LM1771USD Datasheet HTML 1Page - Texas Instruments LM1771USD Datasheet HTML 2Page - Texas Instruments LM1771USD Datasheet HTML 3Page - Texas Instruments LM1771USD Datasheet HTML 4Page - Texas Instruments LM1771USD Datasheet HTML 5Page - Texas Instruments LM1771USD Datasheet HTML 6Page - Texas Instruments LM1771USD Datasheet HTML 7Page - Texas Instruments LM1771USD Datasheet HTML 8Page - Texas Instruments LM1771USD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FB
VIN
VIN
LM1771
VOUT
HG
LG
GND
EN
EN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM1771
SNVS446D – JUNE 2006 – REVISED JANUARY 2016
LM1771 Low-Voltage Synchronous Buck Controller With Precision Enable and No
External Compensation
1 Features
3 Description
The LM1771 device is an efficient synchronous buck
1
Input Voltage Range of 2.8 V to 5.5 V
switching controller with a precision enable requiring
0.8-V Reference Voltage
no external compensation. The constant ON-time
Precision Enable
control scheme provides a simple design free of
compensation
components,
allowing
minimal
No Compensation Required
component count and board space. The precision
Constant Frequency Across Input Range
enable pin allows flexibility in sequencing multiple
Low Quiescent Current of 400 µA
rails
and
setting
UVLO.
The
LM1771
also
incorporates a unique input feedforward to maintain a
Internal Soft-Start
constant frequency independent of the input voltage.
Short Circuit Protection
The LM1771 is optimized for a low-voltage input
6-Pin WSON Package and 8-Pin VSSOP Package
range of 2.8 V to 5.5 V and can provide an adjustable
output as low as 0.8 V. Driving an external high-side
2 Applications
PFET and low-side NFET, it can provide efficiencies
as high as 95%.
Simple-to-Design, High-Efficiency, Step-Down
Switching Regulators
Three
versions
of
the
LM1771
are
available
depending on the switching frequency desired for the
FPGAs, DSPs, and ASIC Power Supplies
application. Nominal switching frequencies are in the
Set-Top Boxes
range of 100 kHz to 1000 kHz.
Cable Modems
Printers
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Digital Video Recorders
WSON (6)
3.00 mm × 3.00 mm
Servers
LM1771
VSSOP (8)
3.00 mm × 3.00 mm
Graphic Cards
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM1771USD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771USD NSC-LM1771USD Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771USD NSC-LM1771USD Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771USDX NSC-LM1771USDX Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771USDX NSC-LM1771USDX Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
More results

Similar Description - LM1771USD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com