Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2854MHX-500 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2854MHX-500
Description  Synchronous SIMPLE SWITCHER Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2854MHX-500 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2854MHX-500 Datasheet HTML 3Page - Texas Instruments LM2854MHX-500 Datasheet HTML 4Page - Texas Instruments LM2854MHX-500 Datasheet HTML 5Page - Texas Instruments LM2854MHX-500 Datasheet HTML 6Page - Texas Instruments LM2854MHX-500 Datasheet HTML 7Page - Texas Instruments LM2854MHX-500 Datasheet HTML 8Page - Texas Instruments LM2854MHX-500 Datasheet HTML 9Page - Texas Instruments LM2854MHX-500 Datasheet HTML 10Page - Texas Instruments LM2854MHX-500 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
2.5
5.5
VIN (V)
400
1100
3.0
3.5
4.0
4.5
5.0
500
600
700
800
900
1000
500 kHz
1 MHz
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
200
260
220
240
-40°C
25°C
85°C
125°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
0.7990
0.7995
0.8000
0.8005
0.8010
5.00
5.25
5.50
5.75
6.00
6.25
6.50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 3.3V
VIN = 5.0V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
1.3
1.4
1.5
1.6
1.7
1.8
-40°C
25°C
85°C
125°C
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 3.3V
VIN = 5.0V
7
LM2854
www.ti.com
SNVS560D – MARCH 2008 – REVISED JANUARY 2016
Product Folder Links: LM2854
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = PVIN = AVIN = EN = 5, TJ = 25°C.
Figure 7. NMOS RDS(ON) vs Temperature
Figure 8. IQ (operating) vs VIN and Temperature
Figure 9. Peak Current Limit vs Temperature
Figure 10. Feedback Voltage vs VIN
Figure 11. IQ (disabled) vs VIN and Temperature, EN = 0 V
Figure 12. Switching Frequency vs VIN


Similar Part No. - LM2854MHX-500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2854MHX-500 NSC-LM2854MHX-500 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

Similar Description - LM2854MHX-500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com