Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM21215AMH-1 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM21215AMH-1
Description  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215AMH-1 Datasheet(HTML) 5 Page - Texas Instruments

  LM21215AMH-1 Datasheet HTML 1Page - Texas Instruments LM21215AMH-1 Datasheet HTML 2Page - Texas Instruments LM21215AMH-1 Datasheet HTML 3Page - Texas Instruments LM21215AMH-1 Datasheet HTML 4Page - Texas Instruments LM21215AMH-1 Datasheet HTML 5Page - Texas Instruments LM21215AMH-1 Datasheet HTML 6Page - Texas Instruments LM21215AMH-1 Datasheet HTML 7Page - Texas Instruments LM21215AMH-1 Datasheet HTML 8Page - Texas Instruments LM21215AMH-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM21215A
www.ti.com
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
6.5 Electrical Characteristics
Unless otherwise stated, the following conditions apply: VPVIN = VAVIN= 5 V, TJ = 25°C. Minimum and maximum limits are
specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C
and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM
TJ = –40°C to 125°C
–1%
1%
VFB
Feedback voltage
VIN = 2.95 V to 5.5 V
V
TJ = 25°C
0.6
ΔVOUT/ΔIOUT
Load regulation
0.02%
VOUT/A
ΔVOUT/ΔVIN
Line regulation
0.1%
VOUT/V
TJ = –40°C to 125°C
9
RDSON-HS
High-side switch on-resistance
ISW = 12 A
m
TJ = 25°C
7
TJ = –40°C to 125°C
6
RDSON-LS
Low-side switch on-resistance
ISW = 12 A
m
TJ = 25°C
4.3
TJ = –40°C to 125°C
17.3
22.8
ICLR
HS rising switch current limit
A
TJ = 25°C
20
ICLF
LS falling switch current limit
14
A
VZX
Zero-cross voltage
–8
3
12
mV
TJ = –40°C to 125°C
3
IQ
Operating quiescent current
mA
TJ = 25°C
1.5
TJ = –40°C to 125°C
70
ISD
Shutdown quiescent current
VEN = 0 V
µA
TJ = 25°C
50
TJ = –40°C to 125°C
2.45
2.95
VUVLO
AVIN undervoltage lockout
AVIN rising
V
TJ = 25°C
2.70
TJ = –40°C to 125°C
140
280
VUVLOHYS
AVIN undervoltage lockout hysteresis
mV
TJ = 25°C
200
TJ = –40°C to 125°C
–10
20
VTRACKOS
SS/TRACK accuracy (VSS/TRK – VFB)
0 < VSS/TRK < 0.55 V
mV
TJ = 25°C
6
TJ = –40°C to 125°C
1.3
2.5
ISS
Soft-start pin source current
µA
TJ = 25°C
1.9
TJ = –40°C to 125°C
350
675
tINTSS
Internal soft-start ramp to Vref
SS/TRK open
µs
TJ = 25°C
500
TJ = –40°C to 125°C
50
200
tRESETSS
Device reset to soft-start ramp
µs
TJ = 25°C
110
OSCILLATOR
fSYNCR
SYNC frequency range
TJ = –40°C to 125°C
300
1500
kHz
TJ = –40°C to 125°C
475
525
fDEFAULT
Default (no SYNC signal) frequency
kHz
TJ = 25°C
500
tSY_SW
Time from VSYNC falling to VSW rising
200
ns
Minimum SYNC pulse width, high or
tSY_MIN
100
ns
low
tHSBLANK
HS OCP blanking time
Rising edge of SW to ICLR comparison
55
ns
tLSBLANK
LS OCP blanking time
Falling edge of SW to ICLF comparison
400
ns
tZXBLANK
Zero cross blanking time
Falling edge of SW to VZX comparison
120
ns
tMINON
Minimum HS on-time
140
ns
ΔVRAMP
PWM ramp peak-peak voltage
0.8
V
ERROR AMPLIFIER
VOL
Error amplifier open-loop gain
ICOMP = –65 µA to 1 mA
95
dB
GBW
Error amplifier gain-bandwidth
11
MHz
IFB
Feedback pin bias current
VFB = 0.6 V
1
nA
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM21215A


Similar Part No. - LM21215AMH-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results

Similar Description - LM21215AMH-1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
   High Efficiency 8A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
   High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com