Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM21215AMH-1 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM21215AMH-1
Description  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215AMH-1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM21215AMH-1 Datasheet HTML 2Page - Texas Instruments LM21215AMH-1 Datasheet HTML 3Page - Texas Instruments LM21215AMH-1 Datasheet HTML 4Page - Texas Instruments LM21215AMH-1 Datasheet HTML 5Page - Texas Instruments LM21215AMH-1 Datasheet HTML 6Page - Texas Instruments LM21215AMH-1 Datasheet HTML 7Page - Texas Instruments LM21215AMH-1 Datasheet HTML 8Page - Texas Instruments LM21215AMH-1 Datasheet HTML 9Page - Texas Instruments LM21215AMH-1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LM21215A
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
Unless otherwise stated, the following conditions apply: VPVIN = VAVIN= 5 V, TJ = 25°C. Minimum and maximum limits are
specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C
and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICOMPSRC
COMP output source current
1
mA
ICOMPSINK
COMP output sink current
65
µA
POWER GOOD
TJ = –40°C to 125°C
105%
120%
Overvoltage protection rising
VOVP
VFB rising
VFB
threshold
TJ = 25°C
112.5%
VOVPHYS
Overvoltage protection hysteresis
VFB falling
2%
VFB
TJ = –40°C to 125°C
82%
97%
Undervoltage protection rising
VUVP
VFB rising
VFB
threshold
TJ = 25°C
90%
VUVPHYS
Undervoltage protection hysteresis
VFB falling
2.5%
VFB
tPGDGL
PGOOD deglitch low
Time to PGOOD falling after OVP/UVP event
15
µs
tPGDGH
PGOOD deglitch high
Minimum low pulse
12
µs
TJ = –40°C to 125°C
10
40
RPGOOD
PGOOD pulldown resistance
TJ = 25°C
20
IPGOODLEAK
PGOOD leakage current
VPGOOD = 5 V
1
nA
LOGIC
VIHSYNC
SYNC pin logic high
2
V
VILSYNC
SYNC pin logic low
0.8
V
TJ = –40°C to 125°C
1.2
1.45
VIHENR
EN pin rising threshold
VEN Rising
V
TJ = 25°C
1.35
TJ = –40°C to 125°C
50
180
VENHYS
EN pin hysteresis
mV
TJ = 25°C
110
IEN
EN pin pullup current
VEN = 0 V
2
µA
THERMAL SHUTDOWN
TTSD
Thermal shutdown
165
°C
TTSD-HYS
Thermal shutdown hysteresis
10
°C
6
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: LM21215A


Similar Part No. - LM21215AMH-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results

Similar Description - LM21215AMH-1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
   High Efficiency 8A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
   High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com