Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP483 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP483
Description  Low Power Half-Duplex RS-485 Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP483 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP483 Datasheet HTML 2Page - Sipex Corporation SP483 Datasheet HTML 3Page - Sipex Corporation SP483 Datasheet HTML 4Page - Sipex Corporation SP483 Datasheet HTML 5Page - Sipex Corporation SP483 Datasheet HTML 6Page - Sipex Corporation SP483 Datasheet HTML 7Page - Sipex Corporation SP483 Datasheet HTML 8Page - Sipex Corporation SP483 Datasheet HTML 9Page - Sipex Corporation SP483 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Rev. 07/16/02
SP481/483/485 Low Power Half-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
Figure 6. Driver Propagation Delays
A
VOD
VOC
B
R
R
Figure 1. Driver DC Test Load Circuit
Figure 2. Receiver Timing Test Load Circuit
Figure 3. Driver/Receiver Timing Test Circuit
Figure 4. Driver Timing Test Load #2 Circuit
CRL
1K
S2
S1
VCC
1K
Test Point
Receiver
Output
B
A
DI
B
A
CL1
CL2
RDIFF
DE
3V
RO
15pF
S2
S1
VCC
CL
500
Output
Under
Test
INPUTS
OUTPUTS
LINE
RE
DE
DI CONDITION
B
A
X1
1
No Fault
0
1
X1
0
No Fault
1
0
X0
X
X
ZZ
X1
X
Fault
Z
Z
INPUTS
OUTPUTS
RE
DE
A - B
R
00
+0.2V
1
00
-0.2V
0
00
Inputs Open
1
10
X
Z
Table 1. Transmit Function Truth Table
Table 2. Receive Function Truth Table
+3V
+3V
0V
DI
DI
B
A
DRIVER
DRIVER
OUTPUT
OUTPUT
VO+
DIFFERENTIAL
DIFFERENTIAL
OUTPUT
OUTPUT
VA – VB
0V
VO
1.5V
1.5V
tPLH
PLH
tR
tF
VO
1/2VO
1/2V
1/2VO
tPHL
PHL
tDPLH
DPLH
tDPHL
DPHL
tSKEW =
SKEW =
| tDPLH -
DPLH - tDPHL
DPHL
|
fSP481/485
SP481/485 = 1MHz; f
1MHz; fSP483
SP483 = 100kHz
100kHz ; tR < 10ns; tF < 10ns
< 10ns


Similar Part No. - SP483

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483 SIPEX-SP483 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483 Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
SP483 EXAR-SP483 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP483CN SIPEX-SP483CN Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP483CN SIPEX-SP483CN Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP483

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1485E SIPEX-SP1485E Datasheet
78Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com