Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-3001 Datasheet(PDF) 1 Page - Level One

Part # SFP-3001
Description  4 GE plus 1 GE SFP Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-3001 Datasheet(HTML) 1 Page - Level One

  SFP-3001 Datasheet HTML 1Page - Level One SFP-3001 Datasheet HTML 2Page - Level One SFP-3001 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

4 GE + 1 GE SFP Switch
GEU-0521
LevelOne GEU-0521 is 5-port SOHO Gigabit Ethernet
Switch that is designed for small or medium network
environment to strengthen its network connection.
This product is compact in size, making it ideal for
SOHO users with limited space. This product is easy
to install. It is a superb choice for expanding your
network.
High-Speed Networking
GEU-0521 provides an excellent solution for
expanding your Gigabit network. By Gigabit speed,
this product provides high flexibility and high
bandwidth connectivity to servers, workstations and
other attached devices. It enables you to save time
transferring large files.
Auto-MDI/MDI-X
Every port can automatically sense your type of cable,
so there is no need for crossover cables whether you
are connecting this switch to another switch or to a
computer.
Auto-Negotiation
Every port can automatically sense if the connected
network devices are running at 10Mbps, 100Mbps
or 1000Mbps and Half/Full-Duplex mode, and adjust
accordingly.
Non-Blocking
This switch receives and forwards traffic seamlessly
with its non-blocking wire-speed. Every port
simultaneously supports up to 2000Mbps of
bandwidth in full-duplex mode. This feature provides
full wire speed to the connected devices and allows
you to run a smooth network.
Store and Forward
By this function, this switch can maximize network
performance while minimizing the propagation of
bad network packets.
Key Features
- 4-Port 10/100/1000Mbps + 1-SFP open slot NWay
(Auto-negotiation) Switch
- Palm size with metal case
- Auto-learn of networking configurations
- Auto-detect full/half-duplex modes for any port
- Dedicated full-duplex 2000Mbps bandwidth
- Store-and-Forward switching methods
- IEEE 802.3x flow control for full-duplex and back-
pressure flow control for half-duplex
- Non-blocking & Non-head-of-line blocking full wire
speed forwarding
- Auto-MDI/MDI-X function for any port
- Smart plug & play
GNC-0106T
32/64 bit Gigabit Ethernet PCI
Card
Works Well With
1. LEDs
2. 10/100/1000Mbps RJ-45
3. SFP slot
4. AC 100-240V 50/60Hz
5. Wall-Mountable
H/W Version: 1
1
USB-0201
USB 2.0 to Gigabit Ethernet
Adapter
2
3
4
5
5


Similar Part No. - SFP-3001

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-3001 LVL1-SFP-3001 Datasheet
933Kb / 4P
   850nm VCSEL Single 3.3V Power Supply RoHS Compliant and Lead-free
SFP-3001 LVL1-SFP-3001 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

Similar Description - SFP-3001

ManufacturerPart #DatasheetDescription
logo
Level One
GSW-5150 LVL1-GSW-5150 Datasheet
628Kb / 2P
   48 FE plus 2 GE plus 1 GE SFP Switch
GEP-1021 LVL1-GEP-1021 Datasheet
563Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 250W
GEP-1020 LVL1-GEP-1020 Datasheet
562Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 150W
GTP-2880 LVL1-GTP-2880 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
   L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
   8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
logo
Level One
IES-0823 LVL1-IES-0823 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-2892 LVL1-IES-2892 Datasheet
839Kb / 2P
   Modularized 24 10/100 plus 4 GE Combo SFP Managed Switch -40 to 75C, IEC61850
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com