Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-3111 Datasheet(PDF) 3 Page - Level One

Part # SFP-3111
Description  4 GE plus 1 GE SFP Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-3111 Datasheet(HTML) 3 Page - Level One

  SFP-3111 Datasheet HTML 1Page - Level One SFP-3111 Datasheet HTML 2Page - Level One SFP-3111 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Order Information
GEU-0521: 4 GE + 1 GE SFP Switch
Package Contents
GEU-0521
Rubber pad
Power Adapter
Quick Installation Guide
Optional Accessories
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
V1.0
SFP-3001
1.25 G transceiver 850nm
VCSEL, SX (MMF 500m),
Duplex LC
SFP-3111
1.25 G transceiver, 1310nm
MLX (MMF 2km), Duplex LC
SFP-3211
1.25 G transceiver , 1310 nm
FP-LD, LX (SMF 10m),
Duplex LC
SFP-3611
1.25 G transceiver , 1550nm
DFB-LD, ZX (SMF 80km),
Duplex LC
SFP-3711
1.25 G transceiver 1550nm
DFB-LD, EZX (SMF 120km),
Duplex LC
SFP-9221
1.25G BIDI, (SM 10km
1310/1550), Simplex LC
SFP-9231
1.25G BIDI, (SM 10km
1550/1310), Simplex LC
SFP-9321
1.25G BIDI, (SM 20km
1310/1550), Simplex LC
SFP-9331
1.25G BIDI, (SM 20km
1550/1310), Simplex LC
SFP-9421
1.25G BIDI, (SM 40km
1310/1550), Simplex LC
SFP-9431
1.25G BIDI, (SM 40km
1550/1310), Simplex LC
GVT-0300
Mini GBIC SFP transceiver,
SX Multi-Mode (550m)
GVT-0301
Mini GBIC SFP transceiver,
LX Single-Mode (10km)
GVT-0302
Mini GBIC SFP transceiver,
ZX Single-Mode (80km)


Similar Part No. - SFP-3111

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-3111 LVL1-SFP-3111 Datasheet
319Kb / 4P
   1310nm FP LD Single 3.3V Power Supply RoHS Compliant and Lead-free
SFP-3111 LVL1-SFP-3111 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
SFP-3111 LVL1-SFP-3111 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

Similar Description - SFP-3111

ManufacturerPart #DatasheetDescription
logo
Level One
GSW-5150 LVL1-GSW-5150 Datasheet
628Kb / 2P
   48 FE plus 2 GE plus 1 GE SFP Switch
GEP-1021 LVL1-GEP-1021 Datasheet
563Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 250W
GEP-1020 LVL1-GEP-1020 Datasheet
562Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 150W
GTP-2880 LVL1-GTP-2880 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
   L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
   8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
logo
Level One
IES-0823 LVL1-IES-0823 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-2892 LVL1-IES-2892 Datasheet
839Kb / 2P
   Modularized 24 10/100 plus 4 GE Combo SFP Managed Switch -40 to 75C, IEC61850
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com