Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP483E Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP483E
Description  Enhanced Low EMI Half-Duplex RS-485 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP483E Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP483E Datasheet HTML 3Page - Sipex Corporation SP483E Datasheet HTML 4Page - Sipex Corporation SP483E Datasheet HTML 5Page - Sipex Corporation SP483E Datasheet HTML 6Page - Sipex Corporation SP483E Datasheet HTML 7Page - Sipex Corporation SP483E Datasheet HTML 8Page - Sipex Corporation SP483E Datasheet HTML 9Page - Sipex Corporation SP483E Datasheet HTML 10Page - Sipex Corporation SP483E Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SP483EDS/05
SP483E Low EMI Half-Duplex RS485 Transceiver
© Copyright 2000 Sipex Corporation
10
D
EH
PACKAGE: PLASTIC
SMALL OUTLINE (SOIC)
(NARROW)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
8–PIN
A
A1
Ø
L
B
e
h x 45°
A
A1
B
D
E
e
H
h
L
Ø
0.053/0.069
(1.346/1.748)
0.004/0.010
(0.102/0.249
0.014/0.019
(0.35/0.49)
0.189/0.197
(4.80/5.00)
0.150/0.157
(3.802/3.988)
0.050 BSC
(1.270 BSC)
0.228/0.244
(5.801/6.198)
0.010/0.020
(0.254/0.498)
0.016/0.050
(0.406/1.270)
0°/8°
(0°/8°)


Similar Part No. - SP483E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483E SIPEX-SP483E Datasheet
100Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483E SIPEX-SP483E Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP483E EXAR-SP483E Datasheet
625Kb / 12P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Sipex Corporation
SP483ECN SIPEX-SP483ECN Datasheet
100Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483ECN SIPEX-SP483ECN Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results

Similar Description - SP483E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP483ECP-L EXAR-SP483ECP-L Datasheet
625Kb / 12P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Sipex Corporation
SP483E SIPEX-SP483E Datasheet
100Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483ECN-L SIPEX-SP483ECN-L Datasheet
104Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP483EEN-L EXAR-SP483EEN-L Datasheet
625Kb / 12P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Sipex Corporation
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com