Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-3611 Datasheet(PDF) 4 Page - Level One

Part # SFP-3611
Description  20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-3611 Datasheet(HTML) 4 Page - Level One

  SFP-3611 Datasheet HTML 1Page - Level One SFP-3611 Datasheet HTML 2Page - Level One SFP-3611 Datasheet HTML 3Page - Level One SFP-3611 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5
L2 Managed GE
www.level1.com
I one world_one brand_one level_
Order Information
GTP-2880: 20 GE PoE-Plus + 4 GE PoE-Plus Combo SFP +
4 10GE SFP-Plus L2-Plus Managed Switch, 185W
Package Contents
Power Cord
Console Cable
19" Rackmount Kit
Quick Installation Guide
CD - User Manual
Optional Accessories
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
V1.0
GVT-0300
1.25Gbps SFP Transceiver,
Duplex LC connector (550m)
GVT-0301
1.25Gbps SFP Transceiver,
Duplex LC connector (10km)
GVT-0302
1.25Gbps SFP Transceiver,
Duplex LC connector (80km)
SFP-3001
1.25Gbps SFP Transceiver,
Duplex LC connector (550m)
SFP-3211
1.25Gbps SFP Transceiver,
Duplex LC connector (10km)
SFP-3611
1.25Gbps SFP Transceiver,
Duplex LC connector (80km)
SFP-3111
1.25Gbps SFP Transceiver,
Duplex LC connector, MLX
(2km)
SFP-3411
1.25Gbps SFP Transceiver, SM,
EZX, Duplex LC connector
(120km)
SFP-3711
1.25Gbps SFP Transceiver, SM,
EZX, Duplex LC connector
(120km)
SFP-9221
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (10km)
SFP-9231
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (10km)
SFP-9321
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (20km)
SFP-9331
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (20km)
SFP-6101
10Gbps Multi-mode SFP Plus
Transceiver (300m)
SFP-9421
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (40km)
SFP-6121
10Gbps Single-mode SFP Plus
Transceiver (10km)
SFP-9431
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (40km)
SFP-6141
10Gbps Single-mode SFP
Plus Transceiver (40km)


Similar Part No. - SFP-3611

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-3611 LVL1-SFP-3611 Datasheet
372Kb / 4P
   1550nm DFBLD Single 3.3V Power Supply RoHS Compliant and Lead-free
SFP-3611 LVL1-SFP-3611 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
SFP-3611 LVL1-SFP-3611 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
More results

Similar Description - SFP-3611

ManufacturerPart #DatasheetDescription
logo
Level One
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
   L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
GEP-1021 LVL1-GEP-1021 Datasheet
563Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 250W
GEP-1020 LVL1-GEP-1020 Datasheet
562Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 150W
GSW-5150 LVL1-GSW-5150 Datasheet
628Kb / 2P
   48 FE plus 2 GE plus 1 GE SFP Switch
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
IES-0882 LVL1-IES-0882 Datasheet
442Kb / 2P
   4 x 802.3at plus 4 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
IES-0881 LVL1-IES-0881 Datasheet
439Kb / 2P
   4 x 802.3af plus 2 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
logo
Coilcraft lnc.
ETH1-460LB COILCRAFT-ETH1-460LB Datasheet
182Kb / 2P
   PoE Plus Magnetics
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
   PoE Plus Transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com