Electronic Components Datasheet Search |
|
SFP-9221 Datasheet(PDF) 1 Page - Level One |
|
SFP-9221 Datasheet(HTML) 1 Page - Level One |
1 / 4 page 2 20 GE PoE-Plus + 4 GE PoE-Plus Combo SFP + 4 10GE SFP-Plus L2-Plus Managed Switch, 185W GTP-2880 H/W Version: 1 LevelOne GTP-2880 is a Layer 2-Plus Managed switch, provides 24 x 1000Base-T ports associated with 4 x SFP (Small Form Factor Pluggable) and 4 x 10 Gigabit SFP Plus slots. This switch is IEEE802.3af/at compliant, and provides power and data over a single Ethernet cable to any PoE device, with a total power budget of 185W, up to 30W per port. Despite its affordable pricing, the GTP-2880 is equipped with advanced features such as Single IP Management which allows users to manage up to 32 switches under the same web interface, Easy Configuration Port (ECP), IPv6, IEEE 802.1D/w/ s Spanning Tree, IEEE 802.1X Access Control, IEEE 802.3az Green Ethernet and more. An ideal network solution for workgroups and edge deployments, or anyone looking for an affordable and efficient way to expand their network. IP Clustered Stacking Solution With the design and implementation of SIP (Single IP Management), network administrators are allowed to virtually stack GEL-1072, GTL-2880, GTP-2880, and GTL-5280 together and manage them as one logical unit through a single IP address regardless of geographical locations of those switches. Comparing to traditional stacking, IP clustering eliminates the use of costly cables and connectors. Furthermore, it minimizes the impact of any single point of failure. LevelOne Easy Configuration Port (ECP) Technology Each switch port can now be fully optimized through a predefined role and settings which are based on the type of a device such as an IP camera or a VoIP phone to be connected to. For instance, even if a surveillance system integrator who lacks of IT administration skills, can still easily enables the role and applies settings like VLAN, QoS, port security and spanning tree to all connected IP cameras on a single Web UI within a few minutes. Hence, simplifying network deployment and ensuring consistent configurations across the network. Enhanced Security Measures We are always committed to providing the highest level of protection for your network resources against intrusion attacks and unauthorized access. Delivering robust access control, each Access Control List (ACL) consists of up to 512 entries, allowing you to configure a fine-grained restriction policy based on frame type, TCP/UDP ports, MAC address and VLAN ID in order to get deep inspection on your network traffic. In addition, with the implementation of port- based authentication (IEEE 802.1X), messages can be encrypted, therefore preventing intruders from getting authentication credentials. Cost Effectiveness and Enhanced Flexibility Featuring Power over Ethernet Plus (PoE+) technology (IEEE 802.3at), which nearly doubles the power delivery comparing to the IEEE 802.3af PoE technology. Furthermore, it ensures that the power is used more efficiently due to the maximum power will only be requested when it is needed. Thus providing great cost savings by reducing power bills and eliminating the need for additional power cables and outlets. 1. LED Indicators 2. Mode Button 3. 10/100/1000Mbps RJ-45 LAN Ports 4. SFP (Mini-GBIC) Slot 1 2 3 4 4 5 6 5. RS-232 Port 6. Power Socket |
Similar Part No. - SFP-9221 |
|
Similar Description - SFP-9221 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |