Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-4370 Datasheet(PDF) 1 Page - Level One

Part # SFP-4370
Description  6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-4370 Datasheet(HTML) 1 Page - Level One

  SFP-4370 Datasheet HTML 1Page - Level One SFP-4370 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
LevelOne IES-0823 Industry Ethernet Switch provides 6 ports of Gigabit
Ethernet plus 2 1000Base SFP slots to enable high speed network at
mission-critical environment. This device is designed to be mounted on
an industry standard DIN-rail, plus the clearly visible status LEDs provide
simple monitoring of port link activity. Moreover, the SFP slots support
pluggable modules that enabling you to choose from a variety of
transceivers.
High Reliability
All components are built to withstand harsh environment applications
without compromise where humidity, temperature variation and even
shock vibration are concerns, including Electric & Utility, Critical
Infrastructure, Transportation and Surveillance Security. This device
operates under -40 to 75 Celsius (-40 to 167 Fahrenheit) temperature.
Features
- Provides 6 10/100/1000Base-T ports and 2 SFP ports
- Gigabit combo port can choose to use either 1000BASE-SX/LX/SFP
interface or 10/100/1000BASE-TX interface
- Supports 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex,
Auto-Negotiation, Auto-MDI/MDIX
- Supports jumbo frame up to 9KB
- Redundant power inputs (12 - 32VDC) with Terminal Block and DC Jack
(12VDC)
- Alarms for power failure by relay output
- -20°C to 60°C (-4°F to 140°F) and is tested for functional operation
@-30°C to 70°C (-22°F to 158°F).
- Provides DIN-rail or panel mounting
- Complies with IEC61000-6-2 EMC Generic standard immunity for
Industrial environment
Safety
This device has been tested under UL508 standard for Industrial Control
Equipment to endurance under test turn on and o 6,000 times while
loaded, with no single failure. It’s highly reliability and safety
measurement to ensure eld hardened, especially for the harsh
environment.
Plug & Play
This unmanaged Industrial Ethernet Switch is designed for the
demanding industrial environments at businesses in need of instant
connectivity with no setup or congure required, truly plug and play.
Redundancy
This redundant power system is designed to meet the challenge of
power failure to ensure reliability and constant availability. Single power
design works ne in non-critical network applications, but it falls short
drastically for network applications in transportation, automate
production or banking.
Reliability
Rugged IP30 rated aluminium housing is designed for industrial
applications. With protection against ingress of dirt and solid metal
housing to ensure a long-last operating life under harsh environments
IES-0823
Diagrams
6 GE + 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
Unit: mm
Side
Top/Buttom
Back
Front
110
68


Similar Part No. - SFP-4370

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4370 LVL1-SFP-4370 Datasheet
105Kb / 1P
   simplex LC connector
SFP-4370 LVL1-SFP-4370 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
SFP-4370 LVL1-SFP-4370 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
SFP-4370 LVL1-SFP-4370 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
SFP-4370 LVL1-SFP-4370 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
More results

Similar Description - SFP-4370

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
IES-1870 LVL1-IES-1870 Datasheet
672Kb / 2P
   16 FE plus 2 GE Managed Switch -10 to 60C, DIN-rail
IES-1070 LVL1-IES-1070 Datasheet
570Kb / 2P
   8 FE plus 2 GE TX Managed Switch -10 to 60C, DIN-rail
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-0811 LVL1-IES-0811 Datasheet
583Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -10 to 60C, DIN-rail
GSW-5150 LVL1-GSW-5150 Datasheet
628Kb / 2P
   48 FE plus 2 GE plus 1 GE SFP Switch
IES-1085 LVL1-IES-1085 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-1890 LVL1-IES-1890 Datasheet
1Mb / 2P
   16 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1090 LVL1-IES-1090 Datasheet
1Mb / 2P
   8 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-0831 LVL1-IES-0831 Datasheet
533Kb / 2P
   6 FE plus 2 MM SC Unmanaged Switch -40 to 75, DIN-rail, IEC61850
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com