Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-4380 Datasheet(PDF) 1 Page - Level One

Part # SFP-4380
Description  8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-4380 Datasheet(HTML) 1 Page - Level One

  SFP-4380 Datasheet HTML 1Page - Level One SFP-4380 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
LevelOne IES-1081 Industry Ethernet Switch provides 8 ports of
10/100Base-TX plus 2 ports of 1000Base SFP slots to enable high speed
network at mission-critical environment. This device is designed to be
mounted on an industry standard DIN-rail, plus the clearly visible status
LEDs provide simple monitoring of port link activity. Moreover, the SFP
slots support pluggable modules that enabling you to choose from a
variety of transceivers.
High Reliability
All components are built to withstand harsh environment applications
without compromise where humidity, temperature variation and even
shock vibration are concerns, including Electric & Utility, Critical
Infrastructure, Transportation and Surveillance Security. This device
operates under -40 to 75 Celsius (-40 to 167 Fahrenheit) temperature.
Features
- Complies with NEMA TS2 Environmental requirements for Trac
control equipment
- Complies with EN50121-4 environmental requirement for Railway
application
- Supports α-ring and RSTP/MSTP/STP for Ethernet redundancy
- IP Multicast Filtering through IGMP Snooping V1, V2 & V3
- Supports port-based VLAN and IEEE802.1Q VLAN Tagging and GVRP
- IEEE802.1p QoS with four priority queues
- MAC-based trunking and LACP
- IEEE802.1x Security
- Bandwidth Rate Control
- Per-port programmable MAC address locking
- Up to 24 Static Secure MAC addresses per port
- Port mirroring
- NTP synchronization
- DHCP Client/Server
- RS-232 console, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and
TFTP Management
- 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex,
Auto-Negotiation, Auto-MDI/MDIX
- Full wire-speed forwarding rate
- -40°C to 75°C (-40°F to 167°F) operating temperature range, tested for
functional operation @ -40°C to 85°C (-40°F to 185°F)
Resilient Ring Network
Supports Ring topology network providing simple installation and ultra
fast network recovery performance, less than 15ms. Unlike much
complex resilient topology, such as a redundant star, the Ring simplies
the network design and requires less cabling installation. In addition,
fast network recovery time helps minimize system downtime.
Management
IES-1081 supports a variety of management features including: CLI via
Console or Telnet; Graphic User Interface via Web Browser or Simple
Network Management Protocol via SNMP tools. It provides better
visibility and management of those critical assets.
Transportation Application
This device is certied by NEMA (National Manufacturers Association)
TS2 Environmental requirements for the Trac Control Equipment that
withstand extreme temperatures, operating voltage and humidity
uctuation, vibration and shock commonly experienced in severe
outdoor environments.
Safety
This device has been tested under UL508 standard for Industrial Control
Equipment to endurance under test turn on and o 6,000 times while
loaded, with no single failure. It’s highly reliability and safety
measurement to ensure eld hardened, especially for the harsh
environment.
IES-1081
Diagrams
8 FE + 2 GE SFP Managed Switch -40 to 75C, DIN-rail
Unit: mm
Side
Top/Buttom
Back
Front
125
60


Similar Part No. - SFP-4380

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4380 LVL1-SFP-4380 Datasheet
104Kb / 1P
   simplex LC connector
SFP-4380 LVL1-SFP-4380 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
SFP-4380 LVL1-SFP-4380 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
SFP-4380 LVL1-SFP-4380 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
SFP-4380 LVL1-SFP-4380 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
More results

Similar Description - SFP-4380

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1080 LVL1-IES-1080 Datasheet
352Kb / 2P
   8 FE plus 2 GE TX Managed Switch -40 to 75C, DIN-rail
IES-1090 LVL1-IES-1090 Datasheet
1Mb / 2P
   8 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1880 LVL1-IES-1880 Datasheet
1Mb / 2P
   16 FE plus 2 GE Managed Switch -40 to 75C, DIN-rail
IES-1890 LVL1-IES-1890 Datasheet
1Mb / 2P
   16 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1085 LVL1-IES-1085 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-0880 LVL1-IES-0880 Datasheet
227Kb / 2P
   8 GE Managed Switch -40 to 75C, DIN-rail
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
IES-1084 LVL1-IES-1084 Datasheet
543Kb / 2P
   8 x 802.3af/at plus 2 GE TX Managed Switch -40 to 75C, DIN-rail
IES-1070 LVL1-IES-1070 Datasheet
570Kb / 2P
   8 FE plus 2 GE TX Managed Switch -10 to 60C, DIN-rail
IES-0881 LVL1-IES-0881 Datasheet
439Kb / 2P
   4 x 802.3af plus 2 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com