Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE85N1001 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE85N1001
Description  SMA Calibrated Noise Source Module, Output ENR of 30 dB, 28 VDC, 0.01 MHz to 2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1001 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE85N1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PE85N1001 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Calibrated Noise Source Module, Output ENR of 30 dB, +28 VDC, 0.01 MHz to 2 GHz
PE85N1001
Noise Generators Technical Data Sheet
PE85N1001
SMA Calibrated Noise Source Module, Output ENR
of 30 dB, +28 VDC, 0.01 MHz to 2 GHz
1.0
1.2
1.4
1.6
1.8
2.0
200
400
600
800
1000
1200
1400
1600
1800
2000
Freq.(MHz)
VSWR
VSWR On
VSWR Off
1.0
1.2
1.4
1.6
1.8
2.0
0.01
20.01
40.01
60.01
80.01
100.01 120.01 140.01 160.01 180.01 200.01
Freq.(MHz)
VSWR
VSWR On
VSWR Off
SMA Calibrated Noise Source Module, Output ENR of 30 dB, +28 VDC, 0.01 MHz to 2 GHz from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.


Similar Part No. - PE85N1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1000 PASTERNACK-PE85N1000 Datasheet
729Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1002 PASTERNACK-PE85N1002 Datasheet
732Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1003 PASTERNACK-PE85N1003 Datasheet
413Kb / 6P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 26 dB From 10 MHz to 6 GHz
PE85N1003 PASTERNACK-PE85N1003_16 Datasheet
738Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 26 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1004 PASTERNACK-PE85N1004 Datasheet
723Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 1 GHz to 18 GHz
More results

Similar Description - PE85N1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1000 PASTERNACK-PE85N1000 Datasheet
729Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1002 PASTERNACK-PE85N1002 Datasheet
732Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1003 PASTERNACK-PE85N1003_16 Datasheet
738Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 26 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1015 PASTERNACK-PE85N1015 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 7.2 GHz to 8.4 GHz
PE85N1004 PASTERNACK-PE85N1004 Datasheet
723Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1005 PASTERNACK-PE85N1005 Datasheet
721Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 23 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1014 PASTERNACK-PE85N1014 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 3.7 GHz to 4.2 GHz
PE85N1016 PASTERNACK-PE85N1016 Datasheet
408Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 10.7 GHz to 12.7 GHz
PE85N1006 PASTERNACK-PE85N1006_16 Datasheet
717Kb / 7P
   SMA Precision Calibrated Noise Source Module, Output ENR of 14 dB, 28 VDC, 10 MHz to 18 GHz, Calibration Standard
PE85N1007 PASTERNACK-PE85N1007_16 Datasheet
719Kb / 7P
   3.5mm Precision Calibrated Noise Source Module, Output ENR of 13 dB, 28 VDC, 10 MHz to 26 GHz, Calibration Standard
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com