Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE85N1007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE85N1007
Description  3.5mm Precision Calibrated Noise Source Module, Output ENR of 13 dB, 28 VDC, 10 MHz to 26 GHz, Calibration Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE85N1007_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1007_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1007_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1007_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1007_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE85N1007_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE85N1007_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
• 10 MHz to 26 GHz Bandwidth
• Calibrated Frequencies: 1 GHz steps
• ENR output: 13 dB min
• Typical Flatness +/- 1.5 dB
• Excellent Stability
• Noise Output Temperature Variation: <0.01 dB/°C
• Noise Output Variation <0.1 dB/%V
• Rugged Package Design supports output Female SMA
connector
• Designed to meet MIL-STD-202F environmental test
conditions
• Calibrated Precision Noise Source
• VSWR < 1.35:1
• Outupt Noise ENR 15 dB typical
• Highly Stable and Accurate Performance
• Maximum Reverse Power 1 Watt
Applications
• Noise Figure Measurements
• Built-In Test equipment for signal
strenth calibrators and radar
applications
• Automatic Test Equipment (ATE)
• Jamming
• Baseband Signal Simulation
• Additive White Gausian Noise
(AWGN) source for Error Rate
Measurements
• Increase dynamic range of A/D
Converters
• SATCOM for bit error rate (BER)
and noise figure
• Can be used as a Jitter source.
.
Description
The PE85N1007 is a coaxial packaged calibrated precision Noise Source module which operates over a wide frequency range
from 0.01 GHz to 18 GHz. The design features very low VSWR < 1.35:1 that significantly increases mesurement accuracy
and is ideal for Noise Figure measurements and built-in applications. This model operates at +28 Vdc and features an output
ENR level ranging from 13 to 17 dB with 10 MHz calibration points every GHz. Highly stable and accurate performance is
specified over -55°C to +85°C with Noise Output Temperature Variation <0.009 dB/°C and Noise Output Variation < 0.002
dB/%V. Maximum Reverse Power is 1 Watt. The rugged industry standard profile package design supports an input Female
BNC connector for DC bias and an output Male 3.5mm connector. Additionally, the model is designed to meet a variety
of demanding MIL-STD-202F environmental test conditions including Humidity, Thermal Shock, and Vibration for added
confidence for highly reliable operation.
Electrical Specifications
RF Characteristics
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.01
26
GHz
Impedance
50
Ohms
Output ENR
13
17
dB
Flatness
±1.5
dB
Output Variation vs Input Voltage
0.002
dB/%V
Output Variation vs Temperature
0.009
dB/deg C
Bias Voltage 1
28 ±2
Volts
Input Current 1
30
mA
Reverse Power
1
Watts
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Precision Calibrated Noise Source Module, Output ENR of 13 dB, +28 VDC, 10 MHz
to 26 GHz, Calibration Standard PE85N1007
PE85N1007 REV 1.1
3.5mm Precision Calibrated Noise Source Module, Output ENR
of 13 dB, +28 VDC, 10 MHz to 26 GHz, Calibration Standard
Noise Generators Technical Data Sheet
PE85N1007


Similar Part No. - PE85N1007_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1007 PASTERNACK-PE85N1007 Datasheet
405Kb / 6P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 17 dB From 10 MHz to 26 GHz
More results

Similar Description - PE85N1007_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1008 PASTERNACK-PE85N1008 Datasheet
664Kb / 4P
   2.92mm Precision Calibrated Noise Source Module, Output ENR of 10 dB, 28 VDC, 100 MHz to 40 GHz, Calibration Standard
PE85N1006 PASTERNACK-PE85N1006_16 Datasheet
717Kb / 7P
   SMA Precision Calibrated Noise Source Module, Output ENR of 14 dB, 28 VDC, 10 MHz to 18 GHz, Calibration Standard
PE85N1009 PASTERNACK-PE85N1009 Datasheet
715Kb / 5P
   1.85mm Precision Calibrated Noise Source Module, Output ENR of 7 dB, 28 VDC, 100 MHz to 60 GHz, Calibration Standard
PE85N1003 PASTERNACK-PE85N1003_16 Datasheet
738Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 26 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1002 PASTERNACK-PE85N1002 Datasheet
732Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1001 PASTERNACK-PE85N1001 Datasheet
731Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 30 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1000 PASTERNACK-PE85N1000 Datasheet
729Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1004 PASTERNACK-PE85N1004 Datasheet
723Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1005 PASTERNACK-PE85N1005 Datasheet
721Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 23 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1015 PASTERNACK-PE85N1015 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 7.2 GHz to 8.4 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com