Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42-0002 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM42-0002
Description  GaAs MMIC VSAT Power Amplifier, 1.4 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0002 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM42-0002_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0002_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0002_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0002_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AM42-0002_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs MMIC VSAT Power Amplifier, 1.4 W
14.0 - 14.5 GHz
Rev. V6
AM42-0002
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings 1,2,3
Parameter
Absolute Maximum
VDD
12 Volts
VGG
-10 Volts
Power Dissipation
13.2 W
RF Input Power
+23 dBm
Channel Temperature
150°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
3. Case Temperature (TC) = +25°C.
Electrical Specifications: TA = +25°C, VDD = +9 V, VGG =- 5.0 V, Z0 = 50
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Linear Gain
PIN < 0 dBm
dB
19
22
Input VSWR
PIN < 0 dBm
Ratio
2.5:1
2.7:1
Output VSWR
PIN < 0 dBm
Ratio
2.7:1
Saturated Output Power
PIN = +14 dBm
dBm
30.5
31.5
Output Power at P1dB
dBm
31
29.5
Output IP3
Two +24 dB, output tones @ 1 MHz spacing
dBm
39
Power Added Efficiency
PIN = +14 dBm
%
22
Bias Current
PIN = +14 dBm
mA
800
1400
Thermal Resistance
25°C Heat Sink
°C/W
9.5
Detector Output Voltage
RL = 10 K Ω, POUT = +31dBm
V
+3.5
Typical Bias Configuration4,5,6,7,8,9
RF Out
8
RF In
3
VGG
4
GND
1,2,5,9,10
6
0.01 µF
AM42- 0002
7
VDD
VDET
10 K Ohm
4. Nominal bias is obtained by first connecting –5 volts to pin 4
(VGG), followed by connection +9 volts to pin 6 (VDD). Note
sequence.
5. RF ground and thermal interface is the flange (case bottom).
Adequate heat sinking is required.
6. No DC bias voltage appears at the RF ports.
7. The DC resistance at the input port is an open circuit and at
the output port is a short circuit.
8. For optimum IP3 performance, the VDD bypass capacitors
should be placed within 0.5 inches of pin 6.
9. Resistor and capacitors surrounding the amplifier are
suggestions and not included as part of the AM42-0002.


Similar Part No. - AM42-0002_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results

Similar Description - AM42-0002_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040_V5 MA-COM-AM42-0040_V5 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com