Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02006 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M02006
Description  CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02006 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02006
3
CMOS Pre-amplifier with AGC for Long-reach
155 Mbps Fiber-optics Based Transmitter
Rev V4
1.0 Product Specification
1.1
Absolute Maximum Ratings
1.2
DC Characteristics
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
TA
Operating ambient
-40 to +85
°C
TSTG
Storage temperature
-65 to +150
°C
V_PINA,
V_PINK,
V_Dout,
V_DoutB,
Input voltage at PINA, PINK, Dout, DoutB
-0.4 to VCC +0.4
V
I_PINK
Maximum Current sourced out of PINK
10
mA
VCC
Power Supply (VCC – GND)
-0.4 to 6
V
Table 1-2.
DC Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
VB
PIN bias voltage (PINK - PINA)
2
2.3
2.6
V
VCM
Common mode output voltage
-
VCC/2
-
V
ICC
Supply current (no loads)
-
-
38
mA


Similar Part No. - M02006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M0200-101-4-000 ETC2-M0200-101-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-101-5-000 ETC2-M0200-101-5-000 Datasheet
147Kb / 3P
   80mm Servo Motor, 200W
M0200-102-4-000 ETC2-M0200-102-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-104-4-000 ETC2-M0200-104-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
More results

Similar Description - M02006

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
   CMOS Pre-amplifier with AGC for Long-reach
MC2006 MA-COM-MC2006 Datasheet
96Kb / 2P
   155 Mbps Pre-Amplifier
logo
Source Photonics, Inc.
C-13-155-T-SSC7 SOURCE-C-13-155-T-SSC7 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
logo
M/A-COM Technology Solu...
02006-BRF-001-A MA-COM-02006-BRF-001-A Datasheet
102Kb / 2P
   155 Mbps Pre-Amplifier
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
MC2007-3 MA-COM-MC2007-3 Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com