Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD5-P1 Datasheet(PDF) 4 Page - SICK AG

Part # AOD5-P1
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

AOD5-P1 Datasheet(HTML) 4 Page - SICK AG

  AOD5-P1 Datasheet HTML 1Page - SICK AG AOD5-P1 Datasheet HTML 2Page - SICK AG AOD5-P1 Datasheet HTML 3Page - SICK AG AOD5-P1 Datasheet HTML 4Page - SICK AG AOD5-P1 Datasheet HTML 5Page - SICK AG AOD5-P1 Datasheet HTML 6Page - SICK AG AOD5-P1 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
AOD5-P1 | OD Precision
DISPLACEMENT MEASUREMENT SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
AOD5-xx
12.7
(0.50)
42.5
(1.67)
16
(0.63)
14.7
(0.58)
26.2
(1.03)
38.2
(1.50)
47
(1.85)
12.3
(0.48)
171.6
(6.76)
179 (7.05)
13.8
(0.54)
22.9 (0.90)
22.9 (0.90)
38.2
(1.50)
2
3
5
6
7
4
①  RS-232C interface
②  USB interface
③  Terminal board (detachable)
④  For panel mounting bracket (recommended window size 173 mm x 102 mm)
⑤  DIN rail mounting
⑥  LC display
⑦  Operating elements
⑧  Sensor head A connection port
⑨  Sensor head B connection port
⑩  Sensor head C connection port
⑪  External input and output terminal, 50-pin (see IO-EXP-AOD5 accessories)
Connection type
Evaluation unit RS-232C
Terminal block evaluation unit


Similar Part No. - AOD5-P1

ManufacturerPart #DatasheetDescription
logo
SICK AG
AOD5-N1 SICK-AOD5-N1 Datasheet
671Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - AOD5-P1

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com