Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7H1101-SP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS7H1101-SP
Description  Radiation-Hardened Ultra-Low Dropout (LDO) Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7H1101-SP Datasheet(HTML) 5 Page - Texas Instruments

  TPS7H1101-SP_16 Datasheet HTML 1Page - Texas Instruments TPS7H1101-SP_16 Datasheet HTML 2Page - Texas Instruments TPS7H1101-SP_16 Datasheet HTML 3Page - Texas Instruments TPS7H1101-SP_16 Datasheet HTML 4Page - Texas Instruments TPS7H1101-SP_16 Datasheet HTML 5Page - Texas Instruments TPS7H1101-SP_16 Datasheet HTML 6Page - Texas Instruments TPS7H1101-SP_16 Datasheet HTML 7Page - Texas Instruments TPS7H1101-SP_16 Datasheet HTML 8Page - Texas Instruments TPS7H1101-SP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS7H1101-SP
www.ti.com
SLVSD81 – JANUARY 2016
7.5 Electrical Characteristics
1.5 V
≤ VIN ≤ 7 V, VOUT(target) = VIN – 0.35 V, IOUT = 10 mA, VEN = 1.1 V, COUT = 22 µF, PG terminal pulled up to VIN with 50 kΩ,
over operating temperature range (TJ = –55°C to 125°C), unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.5
7
V
Feedback terminal
VFB
0 A
≤ IOUT ≤ 3 A, 1.5 V ≤ VIN ≤ 7 V
0.594
0.605
0.616
V
voltage(1)(1)
VIN
VOUT
Output voltage range
0.8
V
0.35
0 A
≤ IOUT ≤ 3 A, 1.5 V ≤ VIN ≤ 7 V,
Output voltage accuracy(1)
–2%
2%
VOUT = 0.8 V, 1.2 V, 1.8 V, 6.65 V
ΔVOUT%/
Line regulation
1.5 V
≤ VIN ≤ 7 V
-0.07
0.01
0.07
%/V
ΔVIN
ΔVOUT%/
Load regulation
0.8 V
≤ VOUT ≤ 6.65 V, 0 ≤ ILoad ≤ 3 A
0.08
%/A
ΔIOUT
1.5 V
≤ VIN ≤ 7 V, VOUT = 0.8 V,
0.5
3
IOUT = 10 mA, TJ = –55°C
(2)
1.5 V
≤ VIN ≤ 7 V, VOUT = 0.8 V,
0.2
0.6
IOUT = 10 mA, TJ = 25°C
(2)
1.5 V
≤ VIN ≤ 7 V, VOUT = 0.8 V,
0.2
1.0
IOUT = 10 mA, TJ = 125°C
(2)
1.5 V
≤ VIN ≤ 7 V, VOUT = 1.2 V,
0.5
3.0
IOUT = 10 mA, TJ = –55°C
(2)
1.5 V
≤ VIN ≤ 7 V, VOUT = 1.2 V,
ΔVI
DC input line regulation
0.2
0.6
mV
IOUT = 10 mA, TJ = 25°C
(2)
1.5 V
≤ VIN ≤ 7 V, VOUT = 1.2 V,
0.2
1.0
IOUT = 10 mA, TJ = 125°C
(2)
1.5 V
≤ VIN ≤ 7 V, VOUT = 1.8 V,
0.5
3.0
IOUT = 10 mA, TJ = –55°C
(2)
1.5 V
≤ VIN ≤ 7 V, VOUT = 1.8 V,
0.2
0.6
IOUT = 10 mA, TJ = 25°C
(2)
1.5 V
≤ VIN ≤ 7 V, VOUT = 1.8 V,
0.2
1.0
IOUT = 10 mA, TJ = 125°C
(2)
(1)
The output voltage accuracy of condition at IOUT = 2 A and IOUT = 3 A is specified by characterization, but not production tested.
(2)
Line and load regulations done under pulse condition for t < 10 ms.
Copyright © 2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS7H1101-SP


Similar Part No. - TPS7H1101-SP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1101-SP TI-TPS7H1101-SP_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS7H1x01 1.5-V to 7-V, Ultra-Low Dropout (LDO) Regulator
More results

Similar Description - TPS7H1101-SP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL75051ASEH RENESAS-ISL75051ASEH Datasheet
1Mb / 22P
   3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator
May 16, 2019
ISL75051SEH RENESAS-ISL75051SEH Datasheet
953Kb / 23P
   3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator
May 22, 2017
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
logo
Texas Instruments
TPS7H1111-SP TI-TPS7H1111-SP_V01 Datasheet
3Mb / 60P
[Old version datasheet]   TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
REVISED APRIL 2023
TPS7H1111-SP TI1-TPS7H1111-SP Datasheet
2Mb / 59P
[Old version datasheet]   TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
FEBRUARY 2023
TPS7H1111-SP TI1-TPS7H1111-SP_V02 Datasheet
3Mb / 68P
[Old version datasheet]   TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
REVISED AUGUST 2023
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
Richtek Technology Corp...
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
   2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com