Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS40200-Q1
Description  Wide-Input-Range Nonsynchronous Voltage-Mode Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40200-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40200-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS40200-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS40200-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS40200-Q1_16 Datasheet HTML 9Page - Texas Instruments TPS40200-Q1_16 Datasheet HTML 10Page - Texas Instruments TPS40200-Q1_16 Datasheet HTML 11Page - Texas Instruments TPS40200-Q1_16 Datasheet HTML 12Page - Texas Instruments TPS40200-Q1_16 Datasheet HTML 13Page - Texas Instruments TPS40200-Q1_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
COMP
3
FB
4
TPS40200
SS
2
ISNS
7
Soft-Start
and
E/A and SS
Reference
+
Enable E/A
+
700 mV
8
Logic
Driver
6
RC
1
OSC
UVLO
5 GND
PWM
VDD
GDRV
DD
8V) typical
GDRV voltage swing
limited to (V
±
Overcurrent
TPS40200-Q1
SLUS739F – SEPTEMBER 2006 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The TPS40200-Q1 is a nonsynchronous controller with a built-in 200-mA driver designed to drive high-speed
P-channel FETs up to 500 kHz. Its small size combined with complete functionality makes the device both
versatile and easy to use.
The controller uses a low-value current-sensing resistor in series with the input voltage and the source
connection of the power FET to detect switching current. When the voltage drop across this resistor exceeds
100 mV, the device enters a hiccup fault mode at approximately 2% of the operating frequency.
The device uses voltage feedback to an error amplifier that is biased by a precision 700-mV reference. Feed-
forward compensation from the input keeps the PWM gain constant over the full input voltage range, eliminating
the need to change frequency compensation for different input voltages.
The device also incorporates a soft-start feature, where the output follows a slowly rising soft-start voltage,
preventing output-voltage overshoot.
7.2 Functional Block Diagram
NOTE
In this block diagram and the following sections, the internal R resistor values and
capacitor mV reference values are typical. Resistor and reference voltage values will vary
based on process, temperature, and supply voltage of the device. Please see Electrical
Characteristics for tolerances, where applicable.
10
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TPS40200-Q1


Similar Part No. - TPS40200-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Similar Description - TPS40200-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com